Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 23Page - Texas Instruments AFE4403 Datasheet HTML 24Page - Texas Instruments AFE4403 Datasheet HTML 25Page - Texas Instruments AFE4403 Datasheet HTML 26Page - Texas Instruments AFE4403 Datasheet HTML 27Page - Texas Instruments AFE4403 Datasheet HTML 28Page - Texas Instruments AFE4403 Datasheet HTML 29Page - Texas Instruments AFE4403 Datasheet HTML 30Page - Texas Instruments AFE4403 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 97 page
background image
Photo-diode current
Or
I-V output pulses
Ambient level
(dark level)
SR,
Sample Red
SR_amb,
Sample Ambient
(red phase)
SIR,
Sample IR
SIR_amb,
Sample Ambient
(IR phase)
Plethysmograph signal
N
N+2
N+1
N
N+1
xx
xx
xx
xx
xxx
xxx
xx
xx
xxx
xxx
xx
xx
xxx
xxx
xx
xx
xx
xx
xx
Sample phase ± input current is converted to an analog voltage.
Sample phase width is variable from 0 to 25% duty cycle
Convert phase ± sampled analog voltage is converted to a digital code
xxx
xxx
xxx
xxx
IR LED
ON signal
xxx
xxx
xxx
xxx
Red LED
ON signal
Pulse repetition period T = 1/PRF
TCONV
TLED LED ON time
<= 0.25T
Rx sample time
= TLED ± settle time
CONVIR_amb,
Convert ambient sample
(IR phase)
CONVR,
Convert red sample
CONVR_amb,
Convert ambient sample
(red phase)
CONVIR,
Convert IR sample
ADC Conversion
AFE4403
www.ti.com
SBAS650B – MAY 2014 – REVISED JULY 2014
NOTE: Relationship to the AFE4403 EVM is: LED1 = IR and LED2 = RED.
Figure 41. Rx Timing Diagram
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com