Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 20Page - Texas Instruments AFE4403 Datasheet HTML 21Page - Texas Instruments AFE4403 Datasheet HTML 22Page - Texas Instruments AFE4403 Datasheet HTML 23Page - Texas Instruments AFE4403 Datasheet HTML 24Page - Texas Instruments AFE4403 Datasheet HTML 25Page - Texas Instruments AFE4403 Datasheet HTML 26Page - Texas Instruments AFE4403 Datasheet HTML 27Page - Texas Instruments AFE4403 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 97 page
background image
Device
Digital Control for Ambient-Cancellation DAC
Rx
Digital
LED2 Data
ADC Output Rate
PRF Samples per Second
Ambient (LED2)
Data
LED1 Data
Ambient (LED1)
Data
SPI
Block
SPI
Interface
Host Processor
Ambient Estimation Block
Ambient information is available in the host
processor.
The processor can:
* Read ambient data
* Estimate ambient value to
be cancelled
* Set the value to be used by the ambient
cancellation DAC using the SPI of AFE
Front End
(LED2 ± Ambient)
Data
(LED1 ± Ambient)
Data
ADC
AFE4403
SBAS650B – MAY 2014 – REVISED JULY 2014
www.ti.com
Feature Description (continued)
8.3.1.2 Ambient Cancellation Scheme and Second Stage Gain Block
The receiver provides digital samples corresponding to ambient duration. The host processor (external to the
AFE) can use these ambient values to estimate the amount of ambient light leakage. The processor must then
set the value of the ambient cancellation DAC using the SPI, as shown in Figure 39.
Figure 39. Ambient Cancellation Loop (Closed by the Host Processor)
24
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com