Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 2Page - Texas Instruments AFE4403 Datasheet HTML 3Page - Texas Instruments AFE4403 Datasheet HTML 4Page - Texas Instruments AFE4403 Datasheet HTML 5Page - Texas Instruments AFE4403 Datasheet HTML 6Page - Texas Instruments AFE4403 Datasheet HTML 7Page - Texas Instruments AFE4403 Datasheet HTML 8Page - Texas Instruments AFE4403 Datasheet HTML 9Page - Texas Instruments AFE4403 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
AFE4403
SBAS650B – MAY 2014 – REVISED JULY 2014
www.ti.com
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
SUPPLIES
RX_ANA_SUP
AFE analog supply
2.0
3.6
V
RX_DIG_SUP
AFE digital supply
2.0
3.6
V
TX_CTRL_SUP
Transmit controller supply
3.0
5.25
V
[3.0 or (0.75 + VLED + VCABLE)
(1) (2),
H-bridge
5.25
V
whichever is greater]
LED_DRV_SUP
Transmit LED driver supply
Common anode
[3.0 or (0.5 + VLED + VCABLE)
(1) (2),
5.25
V
configuration
whichever is greater]
Difference between LED_DRV_SUP and
–0.3
0.3
V
TX_CTRL_SUP
TEMPERATURE
Specified temperature range
–20
70
°C
Storage temperature range
–60
150
°C
(1)
VLED refers to the maximum voltage drop across the external LED (at maximum LED current) connected between the TXP and TXN pins
(in H-bridge mode) and from the TXP and TXN pins to LED_DRV_SUP (in the common anode configuration).
(2)
VCABLE refers to voltage drop across any cable, connector, or any other component in series with the LED.
7.4 Thermal Information
AFE4403
THERMAL METRIC(1)
YZP (WCSP)
UNIT
36 BALLS
RθJA
Junction-to-ambient thermal resistance
49.8
RθJC(top)
Junction-to-case (top) thermal resistance
0.2
RθJB
Junction-to-board thermal resistance
8.5
°C/W
ψJT
Junction-to-top characterization parameter
0.8
ψJB
Junction-to-board characterization parameter
8.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com