Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 67 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 63Page - Texas Instruments AFE4403 Datasheet HTML 64Page - Texas Instruments AFE4403 Datasheet HTML 65Page - Texas Instruments AFE4403 Datasheet HTML 66Page - Texas Instruments AFE4403 Datasheet HTML 67Page - Texas Instruments AFE4403 Datasheet HTML 68Page - Texas Instruments AFE4403 Datasheet HTML 69Page - Texas Instruments AFE4403 Datasheet HTML 70Page - Texas Instruments AFE4403 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 97 page
background image
AFE4403
www.ti.com
SBAS650B – MAY 2014 – REVISED JULY 2014
Figure 91. LED1CONVST: LED1 Convert Start Count Register (Address = 11h, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
LED1CONVST[15:0]
11
10
9
8
7
6
5
4
3
2
1
0
LED1CONVST[15:0]
This register sets the start timing value for the LED1 conversion.
Bits 23:16
Must be 0
Bits 15:0
LED1CONVST[15:0]: LED1 convert start count
The contents of this register can be used to position the start of the LED1 conversion signal
with respect to the PRP, as specified in the PRPCOUNT register. The count is specified as
the number of 4-MHz clock cycles. Refer to the Using the Timer Module section for details.
Figure 92. LED1CONVEND: LED1 Convert End Count Register (Address = 12h, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
LED1CONVEND[15:0]
11
10
9
8
7
6
5
4
3
2
1
0
LED1CONVEND[15:0]
This register sets the end timing value for the LED1 conversion.
Bits 23:16
Must be 0
Bits 15:0
LED1CONVEND[15:0]: LED1 convert end count
The contents of this register can be used to position the end of the LED1 conversion signal
with respect to the PRP. The count is specified as the number of 4-MHz clock cycles. Refer
to the Using the Timer Module section for details.
Figure 93. ALED1CONVST: LED1 Ambient Convert Start Count Register
(Address = 13h, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
ALED1CONVST[15:0]
11
10
9
8
7
6
5
4
3
2
1
0
ALED1CONVST[15:0]
This register sets the start timing value for the ambient LED1 conversion.
Bits 23:16
Must be 0
Bits 15:0
ALED1CONVST[15:0]: LED1 ambient convert start count
The contents of this register can be used to position the start of the LED1 ambient
conversion signal with respect to the PRP, as specified in the PRPCOUNT register. The
count is specified as the number of 4-MHz clock cycles. Refer to the Using the Timer
Module section for details.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com