Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 41Page - Texas Instruments AFE4403 Datasheet HTML 42Page - Texas Instruments AFE4403 Datasheet HTML 43Page - Texas Instruments AFE4403 Datasheet HTML 44Page - Texas Instruments AFE4403 Datasheet HTML 45Page - Texas Instruments AFE4403 Datasheet HTML 46Page - Texas Instruments AFE4403 Datasheet HTML 47Page - Texas Instruments AFE4403 Datasheet HTML 48Page - Texas Instruments AFE4403 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 97 page
background image
ADC Clock
ADC Convert
LED2 Data
ADC Output Rate
PRF Samples per Second
ADC
Ambient
(LED2) Data
LED1 Data
Ambient
(LED1) Data
Rx Digital
Averager
22-Bits
Register
42
LED2 Data
Register
43
LED2_Ambient Data
Register
44
LED1 Data
Register
45
LED1_Ambient Data
ADC Reset
ADC Reset
ADC
AFE4403
www.ti.com
SBAS650B – MAY 2014 – REVISED JULY 2014
8.4 Device Functional Modes
8.4.1 ADC Operation and Averaging Module
After the falling edge of the ADC reset signal, the ADC conversion phase starts (refer to Figure 49). Each ADC
conversion takes 50 µs.
The ADC operates with averaging. The averaging module averages multiple ADC samples and reduces noise to
improve dynamic range. Figure 62 shows a diagram of the averaging module. The ADC output is a 22-bit code
that is obtained by discarding the two MSBs of the 24-bit registers (for example the register with address 2Ah),
as shown in Figure 63.
Figure 62. Averaging Module
Figure 63. 22-Bit Word
23
22
21
20
19
18
17
16
15
14
13
12
Ignore
22-Bit ADC Code, MSB to LSB
11
10
9
8
7
6
5
4
3
2
1
0
22-Bit ADC Code, MSB to LSB
Table 3 shows the mapping of the input voltage to the ADC to its output code.
Table 3. ADC Input Voltage Mapping
DIFFERENTIAL INPUT VOLTAGE AT ADC INPUT
22-BIT ADC OUTPUT CODE
–1.2 V
1000000000000000000000
(–1.2 / 221) V
1111111111111111111111
0
0000000000000000000000
(1.2 / 221) V
0000000000000000000001
1.2 V
0111111111111111111111
The data format is binary twos complement format, MSB-first. Because the TIA has a full-scale range of ±1 V, TI
recommends that the input to the ADC does not exceed ±1 V, which is approximately 80% of its full-scale.
In cases where having the processor read the data as a 24-bit word instead of a 22-bit word is more convenient,
the entire register can be mapped to the input level as shown in Figure 64.
Figure 64. 24-Bit Word
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
24-Bit ADC Code, MSB to LSB
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com