Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 67Page - Texas Instruments AFE4403 Datasheet HTML 68Page - Texas Instruments AFE4403 Datasheet HTML 69Page - Texas Instruments AFE4403 Datasheet HTML 70Page - Texas Instruments AFE4403 Datasheet HTML 71Page - Texas Instruments AFE4403 Datasheet HTML 72Page - Texas Instruments AFE4403 Datasheet HTML 73Page - Texas Instruments AFE4403 Datasheet HTML 74Page - Texas Instruments AFE4403 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 97 page
background image
AFE4403
www.ti.com
SBAS650B – MAY 2014 – REVISED JULY 2014
Figure 103. PRPCOUNT: Pulse Repetition Period Count Register (Address = 1Dh, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
PRPCOUNT[15:0]
11
10
9
8
7
6
5
4
3
2
1
0
PRPCOUNT[15:0]
This register sets the device pulse repetition period count.
Bits 23:16
Must be 0
Bits 15:0
PRPCOUNT[15:0]: Pulse repetition period count
The contents of this register can be used to set the pulse repetition period (in number of
clock cycles of the 4-MHz clock). The PRPCOUNT value must be set in the range of 800 to
64000. Values below 800 do not allow sufficient sample time for the four samples; see the
Electrical Characteristics table.
Figure 104. CONTROL1: Control Register 1 (Address = 1Eh, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
TIMEREN
NUMAV[7:0]
This register configures the clock alarm pin and timer.
Bits 23:9
Must be 0
Bit 8
TIMEREN: Timer enable
0 = Timer module is disabled and all internal clocks are off (default after reset)
1 = Timer module is enabled
Bits 7:0
NUMAV[7:0]: Number of averages
Specify an 8-bit value corresponding to the number of ADC samples to be averaged – 1.
For example, to average four ADC samples, set NUMAV[7:0] equal to 3.
The maximum number of averages is 16. Any setting of NUMAV[7:0] greater than or equal
to a decimal value of 15 results in the number of averages getting set to 16.
Figure 105. SPARE1: SPARE1 Register For Future Use (Address = 1Fh, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
0
0
0
0
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
This register is a spare register and is reserved for future use.
Bits 23:0
Must be 0
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com