Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 72 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 68Page - Texas Instruments AFE4403 Datasheet HTML 69Page - Texas Instruments AFE4403 Datasheet HTML 70Page - Texas Instruments AFE4403 Datasheet HTML 71Page - Texas Instruments AFE4403 Datasheet HTML 72Page - Texas Instruments AFE4403 Datasheet HTML 73Page - Texas Instruments AFE4403 Datasheet HTML 74Page - Texas Instruments AFE4403 Datasheet HTML 75Page - Texas Instruments AFE4403 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 97 page
background image
AFE4403
SBAS650B – MAY 2014 – REVISED JULY 2014
www.ti.com
Figure 106. TIAGAIN: Transimpedance Amplifier Gain Setting Register
(Address = 20h, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
ENSEP
STAGE2
0
0
0
0
0
0
0
0
0
0
GAIN
EN1
11
10
9
8
7
6
5
4
3
2
1
0
0
STG2GAIN1[2:0]
CF_LED1[4:0]
RF_LED1[2:0]
This register sets the device transimpedance amplifier gain mode and feedback resistor and capacitor values.
Bits 23:16
Must be 0
Bit 15
ENSEPGAIN: Enable separate gain mode
0 = The RF, CF values and stage 2 gain settings are the same for both the LED2 and LED1
signals; the values are specified by the bits (RF_LED2, CF_LED2, STAGE2EN2,
STG2GAIN2) in the TIA_AMB_GAIN register (default after reset)
1 = The RF, CF values and stage 2 gain settings can be independently set for the LED2 and
LED1 signals. The values for LED1 are specified using the bits (RF_LED1, CF_LED1,
STAGE2EN1, STG2GAIN1) in the TIAGAIN register, whereas the values for LED2 are
specified using the corresponding bits in the TIA_AMB_GAIN register.
Bit 14
STAGE2EN1: Enable stage 2 for LED 1
0 = Stage 2 is bypassed (default after reset)
1 = Stage 2 is enabled with the gain value specified by the STG2GAIN1[2:0] bits
Bits 13:11
Must be 0
Bits 10:8
STG2GAIN1[2:0]: Program stage 2 gain for LED1
000 = 0 dB, or linear gain of 1 (default after
100 = 12 dB, or linear gain of 4
reset)
101 = Do not use
001 = 3.5 dB, or linear gain of 1.5
110 = Do not use
010 = 6 dB, or linear gain of 2
111 = Do not use
011 = 9.5 dB, or linear gain of 3
Bits 7:3
CF_LED1[4:0]: Program CF for LED1
00000 = 5 pF (default after reset)
00100 = 25 pF + 5 pF
00001 = 5 pF + 5 pF
01000 = 50 pF + 5 pF
00010 = 15 pF + 5 pF
10000 = 150 pF + 5 pF
Note that any combination of these CF settings is also supported by setting multiple bits to 1.
For example, to obtain CF = 100 pF, set bits 7:3 = 01111.
Bits 2:0
RF_LED1[2:0]: Program RF for LED1
000 = 500 k
Ω (default after reset)
100 = 25 k
Ω
001 = 250 k
Ω
101 = 10 k
Ω
010 = 100 k
Ω
110 = 1 M
Ω
011 = 50 k
Ω
111 = None
72
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com