Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 85 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 81Page - Texas Instruments AFE4403 Datasheet HTML 82Page - Texas Instruments AFE4403 Datasheet HTML 83Page - Texas Instruments AFE4403 Datasheet HTML 84Page - Texas Instruments AFE4403 Datasheet HTML 85Page - Texas Instruments AFE4403 Datasheet HTML 86Page - Texas Instruments AFE4403 Datasheet HTML 87Page - Texas Instruments AFE4403 Datasheet HTML 88Page - Texas Instruments AFE4403 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 97 page
background image
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
Duty Cycle (%)
Output voltage = 0 %FS
Output voltage = 10 %FS
Output voltage = 25 %FS
Output voltage = 50 %FS
Output voltage = 75 %FS
C006
96
98
100
102
104
106
0
5
10
15
20
25
Duty Cycle (%)
Output voltage = 0 %FS
Output voltage = 10 %FS
Output voltage = 25 %FS
Output voltage = 50 %FS
Output voltage = 75 %FS
C007
AFE4403
www.ti.com
SBAS650B – MAY 2014 – REVISED JULY 2014
Typical Application (continued)
Figure 128 shows the SNR of the signal chain as a function of the output voltage level. The data are taken by
looping back the transmitter outputs to the receiver inputs using an external op amp that converts the transmitter
voltage to a receiver input current. The loopback op amp and external resistors are an extra source of noise in
this measurement, so the actual noise levels are higher than the total noise of the transmitter plus the receiver.
The SNR in this curve (and other curves) is expressed in terms of dBFS, where the full-scale of the channel is
used as the reference level. Because the valid operating range of the signal chain is ±1 V, a full-scale of 2 V is
used for converting the output noise to a dBFS number. %FS refers to the percentage of the output level as a
function of the positive full-scale. For example, a 50 %FS curve corresponds to the case where the output level is
0.5 V. Also, the total noise in this curve is the total integrated noise in the digital output. All noise is contained in
the Nyquist band, which extends from –PRF / 2 to PRF / 2.
Figure 128. SNR over Nyquist Bandwidth vs Duty Cycle (Input Current with Tx-Rx Loopback)
Figure 129 is a representation of the same data as Figure 10. However, the noise is represented in terms of the
input-referred noise current in pArms. By multiplying this number with the TIA gain setting (500 k in this case),
the output noise voltage can be computed.
Figure 129. Input-Referred Noise Current over Nyquist Bandwidth vs Duty Cycle
(Input Current with Tx-Rx Loopback)
Figure 13 illustrates the SNR from the receiver as a function of the sampling duty cycle (which is the sampling
pulse duration referred to the pulse repetition period) for different settings of TIA gain. This curve is taken at 100-
Hz PRF. The maximum duty cycle is limited to 25%. A lower sampling duty cycle also means a lower LED pulse
duration duty cycle, which results in power saving.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
85
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com