Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 1 Page - Texas Instruments

  AFE4403 Datasheet HTML 1Page - Texas Instruments AFE4403 Datasheet HTML 2Page - Texas Instruments AFE4403 Datasheet HTML 3Page - Texas Instruments AFE4403 Datasheet HTML 4Page - Texas Instruments AFE4403 Datasheet HTML 5Page - Texas Instruments AFE4403 Datasheet HTML 6Page - Texas Instruments AFE4403 Datasheet HTML 7Page - Texas Instruments AFE4403 Datasheet HTML 8Page - Texas Instruments AFE4403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
AFE4403
SBAS650B – MAY 2014 – REVISED JULY 2014
AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and
Low-Cost Pulse Oximeters
1 Features
2 Applications
1
•
Fully-Integrated AFE for Pulse Oximeter and
•
Medical Pulse Oximeter Applications
Heart Rate Monitoring Applications:
•
Optical HRM
•
Transmit:
•
Industrial Photometry Applications
–
Integrated Dual LED Driver
3 Description
(H-Bridge or Common Anode)
The AFE4403 is a fully-integrated analog front-end
–
Option for a Third LED Support for Optimized
(AFE) ideally suited for pulse oximeter applications.
SPO2, HRM, or Multi-Wavelength HRM
The device consists of a low-noise receiver channel
–
Up to 110-dB Dynamic Range
with an integrated analog-to-digital converter (ADC),
–
LED Current:
an LED transmit section, and diagnostics for sensor
and LED fault detection. The device is a very
–
Programmable to 100 mA with 8-Bit
configurable timing controller. This flexibility enables
Current Resolution
the user to have complete control of the device timing
–
30 µA + Average LED Current
characteristics. To ease clocking requirements and
–
Programmable LED On-Time
provide a low-jitter clock to the AFE4403, an oscillator
is also integrated that functions from an external
–
Independent LED2 and LED1 Current
crystal. The device communicates to an external
Reference
microcontroller or host processor using an SPI™
•
Receive Channel with High Dynamic Range:
interface.
–
22-Bit Output in Twos Complement Format
The device is a complete AFE solution packaged in a
–
Up to 105-dB Dynamic Range
single, compact DSBGA-36 (3.07 mm × 3.07 mm ×
–
Low Power: < 650 µA
0.5
mm)
and
is
specified
over
the
operating
temperature range of –20°C to 70°C.
–
Dynamic Power-Down Mode to Reduce
Current to 300 µA
Device Information(1)
–
Adaptable to a Very Wide Range of Signal
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Amplitudes:
AFE4403
DSBGA (36)
3.07 mm × 3.07 mm
–
Total Programmable Gain: 10 k
Ω to 4 MΩ
(1) For all available packages, see the orderable addendum at
–
Integrated Digital Ambient Estimation and
the end of the datasheet.
Subtraction
•
Flexible Clocking by External Clock or Crystal:
–
Pulse Frequency: 62.5 SPS to 2000 SPS
–
Flexible Pulse sequencing and Timing Control
–
Input Clock Range: 4 MHz (Min) to 60 MHz
(Max)
•
Integrated Fault Diagnostics:
–
Photodiode and LED Open and
Short Detection
•
Supplies:
–
Rx = 2.0 V to 3.6 V
–
Tx = 3.0 V to 5.25 V
•
Package: Compact DSBGA-36
(3.07 mm × 3.07 mm × 0.5 mm)
•
Specified Temperature Range: –20°C to 70°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AFE4403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4403 TI2-AFE4403 Datasheet
847Kb / 85P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
REVISED DECEMBER 2016
More results

Similar Description - AFE4403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4300 TI1-AFE4300 Datasheet
334Kb / 30P
Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4490 TI-AFE4490 Datasheet
1Mb / 70P
Integrated Analog Front-End for Pulse Oximeters
logo
Analog Devices
AD8232 AD-AD8232 Datasheet
652Kb / 28P
Single-Lead, Heart Rate Monitor Front End
REV. A
logo
Texas Instruments
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
logo
Analog Devices
AD8232ACPZ AD-AD8232ACPZ Datasheet
652Kb / 28P
Single-Lead, Heart Rate Monitor Front End
REV. A
logo
Texas Instruments
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
Integrated Analog Front-End for Pulse Oximeters
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
logo
Analog Devices
AD8233 AD-AD8233 Datasheet
772Kb / 30P
Fitness and activity heart rate monitors
Rev. 0
AD8232 AD-AD8232_17 Datasheet
755Kb / 29P
Single-Lead, Heart Rate Monitor Front End
02-Jun-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com