Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 17Page - Texas Instruments AFE4403 Datasheet HTML 18Page - Texas Instruments AFE4403 Datasheet HTML 19Page - Texas Instruments AFE4403 Datasheet HTML 20Page - Texas Instruments AFE4403 Datasheet HTML 21Page - Texas Instruments AFE4403 Datasheet HTML 22Page - Texas Instruments AFE4403 Datasheet HTML 23Page - Texas Instruments AFE4403 Datasheet HTML 24Page - Texas Instruments AFE4403 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
R
C
F ´
£
F
Rx Sample Time
10
LED2
SLED2
CONVLED2
Amb
Amb
SLED1_amb
SLED1
SLED2_amb
CONVLED1
CONVLED2_amb
CONVLED1_amb
LED1
Rx
Ambient-cancellation current can be set digitally using SPI interface.
CF
CF
RF
RF
CPD
+
TIA
+
Stage 2
Gain
RG
RG
+
Buffer
ûADC
ADC
ADC Clock
ADC Convert
ADC Output Rate
PRF Sa/sec
I-V Amplifier
Amb cancellation DAC
Buffer
Filter
ADC
Ambient
DAC
AFE4403
www.ti.com
SBAS650B – MAY 2014 – REVISED JULY 2014
8.3 Feature Description
8.3.1 Receiver Channel
This section describes the functionality of the receiver channel.
8.3.1.1 Receiver Front-End
The receiver consists of a differential current-to-voltage (I-V) transimpedance amplifier (TIA) that converts the
input photodiode current into an appropriate voltage, as shown in Figure 36. The feedback resistor of the
amplifier (RF) is programmable to support a wide range of photodiode currents. Available RF values include:
1 M
Ω, 500 kΩ, 250 kΩ, 100 kΩ, 50 kΩ, 25 kΩ, and 10 kΩ.
The device is ideally suited as a front-end for a PPG (photoplethysmography) application. In such an application,
the light from the LED is reflected (or transmitted) from (or through) the various components inside the body
(such as blood, tissue, and so forth) and are received by the photodiode. The signal received by the photodiode
has three distinct components:
1. A pulsatile or ac component that arises as a result of the changes in blood volume through the arteries.
2. A constant dc signal that is reflected or transmitted from the time invariant components in the path of light.
This constant dc component is referred to as the pleth signal.
3. Ambient light entering the photodiode.
The ac component is usually a small fraction of the pleth component, with the ratio referred to as the perfusion
index (PI). Thus, the allowed signal chain gain is usually determined by the amplitude of the dc component.
Figure 36. Receiver Front-End
The RF amplifier and the feedback capacitor (CF) form a low-pass filter for the input signal current. Always ensure
that the low-pass filter RC time constant has sufficiently high bandwidth (as shown by Equation 1) because the
input current consists of pulses. For this reason, the feedback capacitor is also programmable. Available CF
values include: 5 pF, 10 pF, 25 pF, 50 pF, 100 pF, and 250 pF. Any combination of these capacitors can also be
used.
(1)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com