Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 12Page - Texas Instruments AFE4403 Datasheet HTML 13Page - Texas Instruments AFE4403 Datasheet HTML 14Page - Texas Instruments AFE4403 Datasheet HTML 15Page - Texas Instruments AFE4403 Datasheet HTML 16Page - Texas Instruments AFE4403 Datasheet HTML 17Page - Texas Instruments AFE4403 Datasheet HTML 18Page - Texas Instruments AFE4403 Datasheet HTML 19Page - Texas Instruments AFE4403 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 97 page
background image
96
100
104
108
112
0
250
500
750
1000
1250
PRF (Hz)
C017
0
5
10
15
20
25
0
250
500
750
1000
1250
PRF (Hz)
C016
92
96
100
104
108
112
116
0
5
10
15
20
25
Duty Cycle (%)
PRF = 62.5 Hz
PRF = 100 Hz
PRF = 500 Hz
PRF = 1000 Hz
PRF = 2000 Hz
C015
0
5
10
15
20
25
30
0
5
10
15
20
25
Duty Cycle (%)
PRF = 62.5 Hz
PRF = 100 Hz
PRF = 500 Hz
PRF = 1000 Hz
PRF = 2000 Hz
C014
86
90
94
98
102
0
5
10
15
20
25
Duty Cycle (%)
ADC Averaging = 1
ADC Averaging = 2
ADC Averaging = 4
ADC Averaging = 8
ADC Averaging = 16
C013
0
10
20
30
40
0
5
10
15
20
25
Duty Cycle (%)
ADC Averaging = 1
ADC Averaging = 2
ADC Averaging = 4
ADC Averaging = 8
ADC Averaging = 16
C012
AFE4403
SBAS650B – MAY 2014 – REVISED JULY 2014
www.ti.com
Typical Characteristics (continued)
At PRF = 100 Hz, 25% duty cycle, RF = 500 kΩ, CF is adjusted to keep TIA time constant at 1/10th of sampling duration, All
supplies at 3.3 V, 8-MHz external clock, CLKOUT tri-state, 1-µF capacitor on TX_REF and BG pins, detector CIN = 50 pF,
TX_REF = 0.5 V, ADC averaging = max allowed, and SNR in dBFS is noise referred to full-scale range of 2 V, unless
otherwise noted.
Figure 17. Receiver SNR over Nyquist Bandwidth vs
Figure 18. Receiver Input-Referred Noise Current over
Nyquist Bandwidth vs Duty Cycle (Different ADC Averaging)
Duty Cycle (Different ADC Averaging)
Figure 19. Receiver SNR in 20-Hz BW vs Duty Cycle
Figure 20. Receiver Input Referred Noise in 20-Hz BW vs
(Different PRFs)
Duty Cycle (Different PRFs)
Active window = 500 µs
LED pulse = 100 µs
Active window = 500 µs
LED pulse = 100 µs
All four DYNAMIC bits set to 1
All four DYNAMIC bits set to 1
Figure 21. Receiver SNR in 20-Hz BW in Dynamic
Figure 22. Receiver Input-Referred Noise in 20-Hz BW in
Dynamic Power-Down Mode vs PRF
Power-Down Mode vs PRF
16
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com