Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 45Page - Texas Instruments AFE4403 Datasheet HTML 46Page - Texas Instruments AFE4403 Datasheet HTML 47Page - Texas Instruments AFE4403 Datasheet HTML 48Page - Texas Instruments AFE4403 Datasheet HTML 49Page - Texas Instruments AFE4403 Datasheet HTML 50Page - Texas Instruments AFE4403 Datasheet HTML 51Page - Texas Instruments AFE4403 Datasheet HTML 52Page - Texas Instruments AFE4403 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
Pulse repetition period
Sample LED2
Sample LED1
Sample Ambient 2
Sample Ambient 1
Convert LED2
Convert LED1
Convert Ambient 2
Convert Ambient 1
PDN_CYCLE
t1
t2
AFE4403
www.ti.com
SBAS650B – MAY 2014 – REVISED JULY 2014
8.4.1.3 Dynamic Power-Down Mode
When operated at low PRF, a dynamic power-down mode can be optionally enabled to shut off blocks during a
portion of each period. This operation is illustrated in Figure 67. The dynamic power-down signal (called
PDN_CYCLE) can be internally generated using the timing controller. PDN_CYCLE can be used to shut off
power to internal blocks during the unused section within each pulse repetition period.
Figure 67. Dynamic Power-Down Mode Timing
t1 and t2 denote the timing margin between the active portion of the period and the dynamic power-down signal.
TI recommends setting t1 > 50 µs and t2 > 200 µs in order to ensure sufficient time for the shutdown blocks to
recover from power-down. By choosing the blocks that are shut down during dynamic power-down, a power
savings of anywhere between 35% to 70% power can be achieved when the PDN_CYCLE phase is active.
The sequence of the convert phases within a pulse repetition period should be as follows: LED2 (Red)
→
Ambient 2
→ LED1 (IR) → Ambient 1. The sample phases must precede the corresponding convert phase. Also
note that the ADC_RDY signal comes at the beginning of the pulse repetition period. Thus, the contents of the
registers must be read before the completion of the first conversion phase in the pulse repetition period. These
contents correspond to the samples of the four phases from the previous pulse repetition period.
The DYNAMIC1, DYNAMIC2, DYNAMIC3, and DYNAMIC4 bits determine which blocks are powered down
during the dynamic power-down state (when PDN_CYCLE is high). For maximum power saving, all four bits can
be set to 1. TI recommends setting t1 to greater than 100 µs and t2 to greater than 200 µs to ensure that the
blocks recover from power-down in time for the next cycle.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com