Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 5Page - Texas Instruments AFE4403 Datasheet HTML 6Page - Texas Instruments AFE4403 Datasheet HTML 7Page - Texas Instruments AFE4403 Datasheet HTML 8Page - Texas Instruments AFE4403 Datasheet HTML 9Page - Texas Instruments AFE4403 Datasheet HTML 10Page - Texas Instruments AFE4403 Datasheet HTML 11Page - Texas Instruments AFE4403 Datasheet HTML 12Page - Texas Instruments AFE4403 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
AFE4403
www.ti.com
SBAS650B – MAY 2014 – REVISED JULY 2014
Electrical Characteristics (continued)
Minimum and maximum specifications are at TA = –20°C to 70°C, typical specifications are at 25°C. Crystal mode enabled,
detector capacitor = 50 pF differential, ADC averaging set to maximum allowed for each PRF, TX_REF voltage set to 0.5 V,
and CLKOUT tri-stated, at RX_ANA_SUP = RX_DIG_SUP = 3 V, TX_CTRL_SUP = LED_DRV_SUP = 3.3 V, stage 2
amplifier disabled, and fCLK = 8 MHz, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EXTERNAL CLOCK
For SPO2 applications
50
ps
Maximum allowable external clock jitter
For optical heart rate only
1000
ps
External clock input frequency (2)
±2%
4
8
60
MHz
0.75 ×
Voltage input high (VIH)
V
RX_DIG_SUP
External clock input voltage
0.25 ×
Voltage input low (VIL)
V
RX_DIG_SUP
TIMING
Wake-up time from complete
1000
ms
power-down
Wake-up time from Rx power-down
100
µs
Wake-up time from Tx power-down
1000
ms
tRESET
Active low RESET pulse duration
1
ms
DIAG_END pulse duration at the
CLKOUT
tDIAGEND
4
completion of diagnostics
cycles
CLKOUT
tADCRDY
ADC_RDY pulse duration
1
cycle
DIGITAL SIGNAL CHARACTERISTICS
0.8
DVDD +
VIH
Logic high input voltage
AFE_PDN, SCLK, SPISIMO, SPISTE, RESET
> 1.3
V
DVDD
0.1
0.2
VIL
Logic low input voltage
AFE_PDN, SCLK, SPISIMO, SPISTE, RESET
–0.1
< 0.4
V
DVDD
IIN
Logic input current
0 V < VDigitalInput < DVDD
–10
10
µA
0.9
> (RX_DIG_SUP –
VOH
Logic high output voltage
DIAG_END, SPISOMI, ADC_RDY, CLKOUT
V
DVDD
0.2 V)
0.1
VOL
Logic low output voltage
DIAG_END, SPISOMI, ADC_RDY, CLKOUT
< 0.4
V
DVDD
SUPPLY CURRENT
RX_ANA_SUP = 3.0 V, with 8-MHz clock running,
0.6
mA
Rx stage 2 disabled
RX_ANA_SUP = 3.0 V, with 8-MHz clock running,
Receiver analog supply current
0.7
mA
Rx stage 2 enabled
RX_ANA_SUP = 3.0 V, with 8-MHz clock running,
0.49
mA
Rx stage 2 disabled, external clock mode
Receiver digital supply current
RX_DIG_SUP = 3.0 V
0.15
mA
LED driver supply current
With zero LED current setting
30
µA
Transmitter control supply current
15
µA
Receiver current only (RX_ANA_SUP)
3
µA
Receiver current only (RX_DIG_SUP)
3
µA
Complete power-down
(using the AFE_PDN pin)
Transmitter current only (LED_DRV_SUP)
1
µA
Transmitter current only (TX_CTRL_SUP)
1
µA
Receiver current only (RX_ANA_SUP)
200
µA
Power-down Rx alone
Receiver current only (RX_DIG_SUP)
150
µA
Transmitter current only (LED_DRV_SUP)
2
µA
Power-down Tx alone
Transmitter current only (TX_CTRL_SUP)
2
µA
(2)
Refer to the CLKDIV[2:0] register bits for a detailed list of input clock frequencies that are supported.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com