Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 29Page - Texas Instruments AFE4403 Datasheet HTML 30Page - Texas Instruments AFE4403 Datasheet HTML 31Page - Texas Instruments AFE4403 Datasheet HTML 32Page - Texas Instruments AFE4403 Datasheet HTML 33Page - Texas Instruments AFE4403 Datasheet HTML 34Page - Texas Instruments AFE4403 Datasheet HTML 35Page - Texas Instruments AFE4403 Datasheet HTML 36Page - Texas Instruments AFE4403 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
AFE4403
www.ti.com
SBAS650B – MAY 2014 – REVISED JULY 2014
Note that the device does not restrict the values in these registers; thus, the start and end edges can be
positioned anywhere within the pulse repetition period. Care must be taken by the user to program suitable
values in these registers to avoid overlapping the signals and to make sure none of the edges exceed the value
programmed in the PRP register. Writing the same value in the start and end registers results in a pulse duration
of one clock cycle. The following steps describe the timer sequencing configuration:
1. With respect to the start of the PRP period (indicated by timing instant t0 in Figure 48), the following
sequence of conversions must be followed in order: convert LED2
→ LED2 ambient → LED1 → LED1
ambient.
2. Also, starting from t0, the sequence of sampling instants must be staggered with respect to the respective
conversions as follows: sample LED2 ambient
→ LED1 → LED1 ambient → LED2.
3. Finally, align the edges for the two LED pulses with the respective sampling instants.
Table 2. Clock Edge Mapping to SPI Registers
TIME INSTANT
(See Figure 48 and
EXAMPLE(2)
Figure 49)(1)
DESCRIPTION
CORRESPONDING REGISTER ADDRESS AND REGISTER BITS
(Decimal)
t0
Start of pulse repetition period
No register control
—
t1
Start of sample LED2 pulse
LED2STC[15:0], register 01h
6050
t2
End of sample LED2 pulse
LED2ENDC[15:0], register 02h
7998
t3
Start of LED2 pulse
LED2LEDSTC[15:0], register 03h
6000
t4
End of LED2 pulse
LED2LEDENDC[15:0], register 04h
7999
t5
Start of sample LED2 ambient pulse
ALED2STC[15:0], register 05h
50
t6
End of sample LED2 ambient pulse
ALED2ENDC[15:0], register 06h
1998
t7
Start of sample LED1 pulse
LED1STC[15:0], register 07h
2050
t8
End of sample LED1 pulse
LED1ENDC[15:0], register 08h
3998
t9
Start of LED1 pulse
LED1LEDSTC[15:0], register 09h
2000
t10
End of LED1 pulse
LED1LEDENDC[15:0], register 0Ah
3999
t11
Start of sample LED1 ambient pulse
ALED1STC[15:0], register 0Bh
4050
t12
End of sample LED1 ambient pulse
ALED1ENDC[15:0], register 0Ch
5998
LED2CONVST[15:0], register 0Dh
t13
Start of convert LED2 pulse
4
Must start one AFE clock cycle after the ADC reset pulse ends.
t14
End of convert LED2 pulse
LED2CONVEND[15:0], register 0Eh
1999
ALED2CONVST[15:0], register 0Fh
t15
Start of convert LED2 ambient pulse
2004
Must start one AFE clock cycle after the ADC reset pulse ends.
t16
End of convert LED2 ambient pulse
ALED2CONVEND[15:0], register 10h
3999
LED1CONVST[15:0], register 11h
t17
Start of convert LED1 pulse
4004
Must start one AFE clock cycle after the ADC reset pulse ends.
t18
End of convert LED1 pulse
LED1CONVEND[15:0], register 12h
5999
ALED1CONVST[15:0], register 13h
t19
Start of convert LED1 ambient pulse
6004
Must start one AFE clock cycle after the ADC reset pulse ends.
t20
End of convert LED1 ambient pulse
ALED1CONVEND[15:0], register 14h
7999
t21
Start of first ADC conversion reset pulse
ADCRSTSTCT0[15:0], register 15h
0
t22
End of first ADC conversion reset pulse(3)
ADCRSTENDCT0[15:0], register 16h
3
t23
Start of second ADC conversion reset pulse
ADCRSTSTCT1[15:0], register 17h
2000
End of second ADC conversion reset
t24
ADCRSTENDCT1[15:0], register 18h
2003
pulse(3)
t25
Start of third ADC conversion reset pulse
ADCRSTSTCT2[15:0], register 19h
4000
t26
End of third ADC conversion reset pulse(3)
ADCRSTENDCT2[15:0], register 1Ah
4003
t27
Start of fourth ADC conversion reset pulse
ADCRSTSTCT3[15:0], register 1Bh
6000
t28
End of fourth ADC conversion reset pulse(3)
ADCRSTENDCT3[15:0], register 1Ch
6003
t29
End of pulse repetition period
PRPCOUNT[15:0], register 1Dh
7999
(1)
Any pulse can be set to zero width by making its start value higher than the end value.
(2)
Values are based off of a pulse repetition frequency (PRF) = 500 Hz and duty cycle = 25%.
(3)
See Figure 49, note 2 for the effect of the ADC reset time crosstalk.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com