Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 47 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 47 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 43Page - ON Semiconductor AX5243 Datasheet HTML 44Page - ON Semiconductor AX5243 Datasheet HTML 45Page - ON Semiconductor AX5243 Datasheet HTML 46Page - ON Semiconductor AX5243 Datasheet HTML 47Page - ON Semiconductor AX5243 Datasheet HTML 48Page - ON Semiconductor AX5243 Datasheet HTML 49Page - ON Semiconductor AX5243 Datasheet HTML 50Page - ON Semiconductor AX5243 Datasheet HTML 51Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
Register Bank Description
www.onsemi.com
AX5243
47
06C WAKEUPFREQ1
RW R
00000000 WAKEUPFREQ(15:8)
Wakeup Frequency
06D WAKEUPFREQ0
RW R
00000000 WAKEUPFREQ(7:0)
Wakeup Frequency
06E WAKEUPXOEARLY
RW R
00000000 WAKEUPXOEARLY
Wakeup Crystal Oscillator Early
Physical Layer Parameters
Receiver Parameters
100 IFFREQ1
RW R
00010001 IFFREQ(15:8)
2nd LO / IF Frequency
101 IFFREQ0
RW R
00100111 IFFREQ(7:0)
2nd LO / IF Frequency
102 DECIMATION
RW R
–0001101 –
DECIMATION(6:0)
Decimation Factor
103 RXDATARATE2
RW R
00000000 RXDATARATE(23:16)
Receiver Datarate
104 RXDATARATE1
RW R
00111101 RXDATARATE(15:8)
Receiver Datarate
105 RXDATARATE0
RW R
10001010 RXDATARATE(7:0)
Receiver Datarate
106 MAXDROFFSET2
RW R
00000000 MAXDROFFSET(23:16)
Maximum Receiver Datarate Offset
107 MAXDROFFSET1
RW R
00000000 MAXDROFFSET(15:8)
Maximum Receiver Datarate Offset
108 MAXDROFFSET0
RW R
10011110 MAXDROFFSET(7:0)
Maximum Receiver Datarate Offset
109 MAXRFOFFSET2
RW R
0–––0000 FREQ OFFS CORR
–
–
–
MAXRFOFFSET(19:16)
Maximum Receiver RF Offset
10A MAXRFOFFSET1
RW R
00010110 MAXRFOFFSET(15:8)
Maximum Receiver RF Offset
10B MAXRFOFFSET0
RW R
10000111 MAXRFOFFSET(7:0)
Maximum Receiver RF Offset
10C FSKDMAX1
RW R
00000000 FSKDEVMAX(15:8)
Four FSK Rx Deviation
10D FSKDMAX0
RW R
10000000 FSKDEVMAX(7:0)
Four FSK Rx Deviation
10E FSKDMIN1
RW R
11111111 FSKDEVMIN(15:8)
Four FSK Rx Deviation
10F FSKDMIN0
RW R
10000000 FSKDEVMIN(7:0)
Four FSK Rx Deviation
110 AFSKSPACE1
RW R
––––0000 –
–
–
–
AFSKSPACE(11:8)
AFSK Space (0) Frequency
111 AFSKSPACE0
RW R
01000000 AFSKSPACE(7:0)
AFSK Space (0) Frequency
112 AFSKMARK1
RW R
––––0000 –
–
–
–
AFSKMARK(11:8)
AFSK Mark (1) Frequency
113 AFSKMARK0
RW R
01110101 AFSKMARK(7:0)
AFSK Mark (1) Frequency
114 AFSKCTRL
RW R
–––00100 –
–
–
AFSKSHIFT0(4:0)
AFSK Control
115 AMPLFILTER
RW R
––––0000 –
–
–
–
AMPLFILTER(3:0)
Amplitude Filter
116 FREQUENCYLEAK
RW R
––––0000 –
–
–
–
FREQUENCYLEAK[3:0]
Baseband Frequency Recovery Loop
Leakiness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com