Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 43 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 43 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 39Page - ON Semiconductor AX5243 Datasheet HTML 40Page - ON Semiconductor AX5243 Datasheet HTML 41Page - ON Semiconductor AX5243 Datasheet HTML 42Page - ON Semiconductor AX5243 Datasheet HTML 43Page - ON Semiconductor AX5243 Datasheet HTML 44Page - ON Semiconductor AX5243 Datasheet HTML 45Page - ON Semiconductor AX5243 Datasheet HTML 46Page - ON Semiconductor AX5243 Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
Register Bank Description
www.onsemi.com
AX5243
43
6.1. Control Register Map
Add
Name
Dir
Re
t
Reset
Bit
Description
7
6
5
4
3
2
1
0
Revision & Interface Probing
000 REVISION
R
R
01010001 SILICONREV(7:0)
Silicon Revision
001 SCRATCH
RW R
11000101 SCRATCH(7:0)
Scratch Register
Operating Mode
002 PWRMODE
RW R
011–0000 RST
XOEN
REFEN
WDS
PWRMODE(3:0)
Power Mode
Voltage Regulator
003 POWSTAT
R
R
–––––––– SSUM
SREF
SVREF
SVANA
SVMODEM
SBEVANA
SBEVMODEM
SVIO
Power Management Status
004 POWSTICKYSTAT
R
R
–––––––– SSSUM
SREF
SSVREF
SSVANA
SSVMODEM
SSBEVANA
SSBEVMODEM
SSVIO
Power Management Sticky Status
005 POWIRQMASK
RW R
00000000 MPWR GOOD
MSREF
MSVREF
MS VANA
MS VMODEM
MSBE VANA
MSBE VMODEM MSVIO
Power Management Interrupt Mask
Interrupt Control
006 IRQMASK1
RW R
––000000 –
–
IRQMASK(13:8)
IRQ Mask
007 IRQMASK0
RW R
00000000 IRQMASK(7:0)
IRQ Mask
008 RADIOEVENTMASK1 RW R
–––––––0 –
–
–
–
–
–
–
RADIO
EVENT
MASK(8) Radio Event Mask
009 RADIOEVENTMASK0 RW R
00000000 RADIO EVENT MASK(7:0)
Radio Event Mask
00A IRQINVERSION1
RW R
––000000 –
–
IRQINVERSION(13:8)
IRQ Inversion
00B IRQINVERSION0
RW R
00000000 IRQINVERSION(7:0)
IRQ Inversion
00C IRQREQUEST1
R
R
–––––––– –
–
IRQREQUEST(13:8)
IRQ Request
00D IRQREQUEST0
R
R
–––––––– IRQREQUEST(7:0)
IRQ Request
00E RADIOEVENTREQ1 R
–––––––– –
–
–
–
–
–
–
RADIO
EVENT
REQ(8) Radio Event Request
00F RADIOEVENTREQ0 R
–––––––– RADIO EVENT REQ(7:0)
Radio Event Request
Modulation & Framing
010 MODULATION
RW R
–––01000 –
–
–
RX HALF
MODULATION(3:0)
Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com