Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 12 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 8Page - ON Semiconductor AX5243 Datasheet HTML 9Page - ON Semiconductor AX5243 Datasheet HTML 10Page - ON Semiconductor AX5243 Datasheet HTML 11Page - ON Semiconductor AX5243 Datasheet HTML 12Page - ON Semiconductor AX5243 Datasheet HTML 13Page - ON Semiconductor AX5243 Datasheet HTML 14Page - ON Semiconductor AX5243 Datasheet HTML 15Page - ON Semiconductor AX5243 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
Specifications
www.onsemi.com
AX5243
12
Note on current consumption in TX mode
To achieve best output power the matching network has to be optimized for the desired
output power and frequency. As a rule of thumb a good matching network produces
about 50% efficiency with the AX5243 power amplifier although over 90% are
theoretically possible. A typical matching network has between 1 dB and 2 dB loss (Ploss).
The PA is internally multiplexed with the LNA on pins ANTP and ANTN. Therefore
constraints for the RX matching have to be considered for the PA matching.
The current consumption can be calculated as
ITX[mA]=1/PAefficiency*10^((Pout[dBm]+Ploss[dB])/10)/1.8V+Ioffset
Ioffset is about 6 mA for the fully integrated VCO at 400 MHz to 1050 MHz, and 3 mA for
the VCO with external inductor at 169 MHz. The following table shows calculated current
consumptions versus output power for Ploss = 1 dB, PAefficiency = 0.5, Ioffset= 6 mA at 868
MHz and Ioffset= 3.5 mA at 169 MHz
Pout [dBm]
Itxcalc [mA]
868 MHz
169 MHz
0
7.5
4.5
1
7.9
4.9
2
8.4
5.4
3
9.0
6.0
4
9.8
6.8
5
10.8
7.8
6
12.1
9.1
7
13.7
10.7
8
15.7
12.7
9
18.2
15.2
10
21.3
18.3
11
25.3
22.3
12
30.3
27.3
13
36.7
33.7
14
44.6
41.6
15
54.6
51.6
Both AX5243 power amplifiers run from the regulated
VDD_ANA supply and not directly
from the battery. This has the advantage that the current and output power do not vary
much over supply voltage and temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com