Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 64 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 64 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 57Page - ON Semiconductor AX5243 Datasheet HTML 58Page - ON Semiconductor AX5243 Datasheet HTML 59Page - ON Semiconductor AX5243 Datasheet HTML 60Page - ON Semiconductor AX5243 Datasheet HTML 61Page - ON Semiconductor AX5243 Datasheet HTML 62Page - ON Semiconductor AX5243 Datasheet HTML 63Page - ON Semiconductor AX5243 Datasheet HTML 64Page - ON Semiconductor AX5243 Datasheet HTML 65Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
QFN28 Package Information
www.onsemi.com
AX5243
64
6. The fine pitch of the IC leads requires accurate alignment of the stencil and the
printed circuit board. The stencil and printed circuit assembly should be aligned to
within + 1 mil prior to application of the solder paste.
7. No-clean flux is recommended since flux from underneath the thermal pad will be
difficult to clean if water-soluble flux is used.
Figure 16: Solder paste application on exposed pad
Minimum
50% coverage
62% coverage
Maximum
80% coverage
Figure 17: Solder paste application on pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com