Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 34 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 30Page - ON Semiconductor AX5243 Datasheet HTML 31Page - ON Semiconductor AX5243 Datasheet HTML 32Page - ON Semiconductor AX5243 Datasheet HTML 33Page - ON Semiconductor AX5243 Datasheet HTML 34Page - ON Semiconductor AX5243 Datasheet HTML 35Page - ON Semiconductor AX5243 Datasheet HTML 36Page - ON Semiconductor AX5243 Datasheet HTML 37Page - ON Semiconductor AX5243 Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
34
In interrupt mode EMPTY, NOT EMPTY, FULL, NOT FULL and programmable level
interrupts are provided. The AX5243 signals interrupts by asserting (driving high) its
IRQ line. The interrupt line is level triggered, active high. Interrupts are acknowledged
by removing the cause for the interrupt, i.e. by emptying or filling the FIFO.
Basic FIFO status (EMPTY, FULL, Overrun, Underrun, FIFO fill level above threshold, FIFO
free space above threshold) are also provided during each SPI access on MISO while the
micro- controller shifts out the register address on MOSI. See the SPI interface section
for details. This feature significantly reduces the number of SPI accesses necessary
during transmit and receive.
Packet Modes
The AX5243 offers different packet modes. For arbitrary packet sizes HDLC is
recommended since the flag and bit-stuffing mechanism. The AX5243 also offers packet
modes with fixed packet length with a byte indicating the length of the packet.
In packet modes a CRC can be computed automatically.
HDLC1 Mode is the main framing mode of the AX5243. In this mode, the AX5243
performs automatic packet delimiting, and optional packet correctness check by inserting
and checking a cyclic redundancy check (CRC) field.
The packet structure is given in the following table.
Flag
Address Control
Information
FCS
(Optional
Flag)
8 bit
8 bit
8 or 16 bit
Variable length, 0 or more bits in multiples of 8
16 / 32 bit
8 bit
HDLC packets are delimited with flag sequences of content 0x7E.
In AX5243 the meaning of address and control is user defined. The Frame Check
Sequence (FCS) can be programmed to be CRC-CCITT, CRC-16 or CRC-32.
The receiver checks the CRC, the result can be retrieved from the FIFO, the CRC is
appended to the received data.
In Wireless M-Bus Mode2, the packet structure is given in the following table.
1 Note: HDLC mode follows High-Level Data Link Control (HDLC, ISO 13239) protocol.
2 Note: Wireless M-Bus mode follows EN13757-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com