Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 24 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 20Page - ON Semiconductor AX5243 Datasheet HTML 21Page - ON Semiconductor AX5243 Datasheet HTML 22Page - ON Semiconductor AX5243 Datasheet HTML 23Page - ON Semiconductor AX5243 Datasheet HTML 24Page - ON Semiconductor AX5243 Datasheet HTML 25Page - ON Semiconductor AX5243 Datasheet HTML 26Page - ON Semiconductor AX5243 Datasheet HTML 27Page - ON Semiconductor AX5243 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
24
5.
Circuit Description
The AX5243 is a true single chip ultra-low power narrow-band CMOS transceiver for use
in licensed and unlicensed bands from 27 and 1050 MHz. The on-chip transceiver
consists of a fully integrated RF front-end with modulator, and demodulator. Base band
data processing is implemented in an advanced and flexible communication controller
that enables user friendly communication via the SPI interface.
AX5243 can be operated from a 1.8 V to 3.6 V power supply over a temperature range
of -40oC to 85oC. It consumes 7 - 48 mA for transmitting at 868 MHz carrier frequency, 4
– 51 mA for transmitting at 169 MHz depending on the output power. In receive
operation AX5243 consumes 9 - 11 mA at 868 MHz carrier frequency and 6.5 - 8.5 mA
at 169 MHz.
The AX5243 features make it an ideal interface for integration into various battery
powered solutions such as ticketing or as transceiver for telemetric applications e.g. in
sensors. As primary application, the transceiver is intended for UHF radio equipment in
accordance with the European Telecommunication Standard Institute (ETSI) specification
EN 300 220-1 and the US Federal Communications Commission (FCC) standard Title 47
CFR part 15 as well as Part 90. AX5243 is compliant with the respective narrow-band
regulations. Additionally AX5243 is suited for systems targeting compliance with
Wireless M-Bus standard EN 13757-4:2005. Wireless M-Bus frame support (S, T, R) is
built-in.
AX5243 supports any data rate from 0.1 kbps to 125 kbps for FSK, 4-FSK, GFSK,
GMSK, MSK, ASK and PSK. To achieve optimum performance for specific data rates and
modulation schemes several register settings to configure the AX5243 are necessary,
for details see the AXSEM RadioLab Software which calculates the necessary register
settings and the AX5243 Programming Manual.
The AX5243 can be operated in two fundamentally different modes.
Data is sent and received via the SPI port in frames. Pre- and post-ambles as well as
checksums can be generated automatically. Interrupts control the data flow between a
micro-controller and the AX5243.
Both transmit and receive use frame mode. In both cases the AX5243 behaves as a SPI
slave interface. Configuration of the AX5243 is always done via the SPI interface.
The receiver and the transmitter support multi-channel operation for all data rates and
modulation schemes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com