Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 23 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 19Page - ON Semiconductor AX5243 Datasheet HTML 20Page - ON Semiconductor AX5243 Datasheet HTML 21Page - ON Semiconductor AX5243 Datasheet HTML 22Page - ON Semiconductor AX5243 Datasheet HTML 23Page - ON Semiconductor AX5243 Datasheet HTML 24Page - ON Semiconductor AX5243 Datasheet HTML 25Page - ON Semiconductor AX5243 Datasheet HTML 26Page - ON Semiconductor AX5243 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
Specifications
www.onsemi.com
AX5243
23
General Purpose ADC (GPADC)
SYMBOL
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
Res
Nominal ADC resolution
10
bit
Fconv
Conversion rate
0.03
1
MS/s
DR
Dynamic range
60
dB
INL
Integral nonlinearity
+/- 1
LSB
DNL
Differential nonlinearity
+/- 1
LSB
Zin
Input Impedance
50
kΩ
VDC-IN
Input DC level
0.8
V
VIN-DIFF
Input signal range (differential)
-500
500
mV
VIN-SE
Input signal range
(single-ended, signal input at pin
GPADC1, pin GPADC2 open)
300
1300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com