Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 48 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 48 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 44Page - ON Semiconductor AX5243 Datasheet HTML 45Page - ON Semiconductor AX5243 Datasheet HTML 46Page - ON Semiconductor AX5243 Datasheet HTML 47Page - ON Semiconductor AX5243 Datasheet HTML 48Page - ON Semiconductor AX5243 Datasheet HTML 49Page - ON Semiconductor AX5243 Datasheet HTML 50Page - ON Semiconductor AX5243 Datasheet HTML 51Page - ON Semiconductor AX5243 Datasheet HTML 52Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
Register Bank Description
www.onsemi.com
AX5243
48
117 RXPARAMSETS
RW R
00000000 RXPS3(1:0)
RXPS2(1:0)
RXPS1(1:0)
RXPS0(1:0)
Receiver Parameter Set Indirection
118 RXPARAMCURSET
R
R
–––––––– –
–
–
RXSI(2)
RXSN(1:0)
RXSI(1:0)
Receiver Parameter Current Set
Receiver Parameter Set 0
120 AGCGAIN0
RW R
10110100 AGCDECAY0(3:0)
AGCATTACK0(3:0)
AGC Speed
121 AGCTARGET0
RW R
01110110 AGCTARGET0(7:0)
AGC Target
122 AGCAHYST0
RW R
–––––000 -
AGCAHYST0(2:0)
AGC Digital Threshold Range
123 AGCMINMAX0
RW R
–000–000 -
AGCMAXDA0(2:0)
-
AGCMINDA0(2:0)
AGC Digital Min/Max Set Points
124 TIMEGAIN0
RW R
11111000 TIMEGAIN0M
TIMEGAIN0E
Timing Gain
125 DRGAIN0
RW R
11110010 DRGAIN0M
DRGAIN0E
Data Rate Gain
126 PHASEGAIN0
RW R
11––0011 FILTERIDX0(1:0)
–
–
PHASEGAIN0(3:0)
Filter Index, Phase Gain
127 FREQGAINA0
RW R
00001111 FREQ LIM0
FREQ
MODULO0
FREQ
HALFMOD
0
FREQ AMPL
GATE0
FREQGAINA0(3:0)
Frequency Gain A
128 FREQGAINB0
RW R
00–11111 FREQ FREEZE0
FREQ
AVG0
–
FREQGAINB0(4:0)
Frequency Gain B
129 FREQGAINC0
RW R
–––01010 –
–
–
FREQGAINC0(4:0)
Frequency Gain C
12A FREQGAIND0
RW R
0––01010 RFFREQ FREEZE0
–
–
FREQGAIND0(4:0)
Frequency Gain D
12B AMPLGAIN0
RW R
01––0110 AMPL AVG
AMPL AGC –
–
AMPLGAIN0(3:0)
Amplitude Gain
12C FREQDEV10
RW R
––––0000 –
–
–
–
FREQDEV0(11:8)
Receiver Frequency Deviation
12D FREQDEV00
RW R
00100000 FREQDEV0(7:0)
Receiver Frequency Deviation
12E FOURFSK0
RW R
–––10110 –
–
–
DEV
UPDATE0
DEVDECAY0(3:0)
Four FSK Control
12F BBOFFSRES0
RW R
10001000 RESINTB0(3:0)
RESINTA0(3:0)
Baseband Offset Compensation
Resistors
Receiver Parameter Set 1
130 AGCGAIN1
RW R
10110100 AGCDECAY1(3:0)
AGCATTACK1(3:0)
AGC Speed
131 AGCTARGET1
RW R
01110110 AGCTARGET1(7:0)
AGC Target
132 AGCAHYST1
RW R
–––––000 -
AGCAHYST1(2:0)
AGC Digital Threshold Range
133 AGCMINMAX1
RW R
–000–000 -
AGCMAXDA1(2:0)
-
AGCMINDA1(2:0)
AGC Digital Min/Max Set Points
134 TIMEGAIN1
RW R
11110110 TIMEGAIN1M
TIMEGAIN1E
Timing Gain
135 DRGAIN1
RW R
11110001 DRGAIN1M
DRGAIN1E
Data Rate Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com