Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 51 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 51 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 47Page - ON Semiconductor AX5243 Datasheet HTML 48Page - ON Semiconductor AX5243 Datasheet HTML 49Page - ON Semiconductor AX5243 Datasheet HTML 50Page - ON Semiconductor AX5243 Datasheet HTML 51Page - ON Semiconductor AX5243 Datasheet HTML 52Page - ON Semiconductor AX5243 Datasheet HTML 53Page - ON Semiconductor AX5243 Datasheet HTML 54Page - ON Semiconductor AX5243 Datasheet HTML 55Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
Register Bank Description
www.onsemi.com
AX5243
51
162 FSKDEV1
RW R
00001010 FSKDEV(15:8)
FSK Frequency Deviation
163 FSKDEV0
RW R
00111101 FSKDEV(7:0)
FSK Frequency Deviation
164 MODCFGA
RW R
0000–101 BROWN GATE
PTTLCK
GATE
SLOW RAMP
–
AMPL SHAPE
TX SE
TX DIFF Modulator Configuration A
165 TXRATE2
RW R
00000000 TXRATE(23:16)
Transmitter Bitrate
166 TXRATE1
RW R
00101000 TXRATE(15:8)
Transmitter Bitrate
167 TXRATE0
RW R
11110110 TXRATE(7:0)
Transmitter Bitrate
168 TXPWRCOEFFA1
RW R
00000000 TXPWRCOEFFA(15:8)
Transmitter Predistortion Coefficient A
169 TXPWRCOEFFA0
RW R
00000000 TXPWRCOEFFA(7:0)
Transmitter Predistortion Coefficient A
16A TXPWRCOEFFB1
RW R
00001111 TXPWRCOEFFB(15:8)
Transmitter Predistortion Coefficient B
16B TXPWRCOEFFB0
RW R
11111111 TXPWRCOEFFB(7:0)
Transmitter Predistortion Coefficient B
16C TXPWRCOEFFC1
RW R
00000000 TXPWRCOEFFC(15:8)
Transmitter Predistortion Coefficient C
16D TXPWRCOEFFC0
RW R
00000000 TXPWRCOEFFC(7:0)
Transmitter Predistortion Coefficient C
16E TXPWRCOEFFD1
RW R
00000000 TXPWRCOEFFD(15:8)
Transmitter Predistortion Coefficient D
16F TXPWRCOEFFD0
RW R
00000000 TXPWRCOEFFD(7:0)
Transmitter Predistortion Coefficient D
170 TXPWRCOEFFE1
RW R
00000000 TXPWRCOEFFE(15:8)
Transmitter Predistortion Coefficient E
171 TXPWRCOEFFE0
RW R
00000000 TXPWRCOEFFE(7:0)
Transmitter Predistortion Coefficient E
PLL Parameters
180 PLLVCOI
RW R
0–010010 VCOIE
–
VCOI(5:0)
VCO Current
181 PLLVCOIR
RW R
–––––––– –
–
VCOIR(5:0)
VCO Current Readback
182 PLLLOCKDET
RW R
–––––011 LOCKDETDLYR
–
–
–
LOCK DET
DLYM
LOCKDETDLY
PLL Lock Detect Delay
183 PLLRNGCLK
RW R
–––––011 –
–
–
–
–
PLLRNGCLK(2:0)
PLL Ranging Clock
Crystal Oscillator
184 XTALCAP
RW R
00000000 XTALCAP(7:0)
Crystal Oscillator Load Capacitance
Baseband
188 BBTUNE
RW R
–––01001 –
–
–
BB TUNE
RUN
BBTUNE(3:0)
Baseband Tuning
189 BBOFFSCAP
RW R
–111–111 –
CAP INT B(2:0)
–
CAP INT A(2:0)
Baseband Offset Compensation
Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com