Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 19 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 15Page - ON Semiconductor AX5243 Datasheet HTML 16Page - ON Semiconductor AX5243 Datasheet HTML 17Page - ON Semiconductor AX5243 Datasheet HTML 18Page - ON Semiconductor AX5243 Datasheet HTML 19Page - ON Semiconductor AX5243 Datasheet HTML 20Page - ON Semiconductor AX5243 Datasheet HTML 21Page - ON Semiconductor AX5243 Datasheet HTML 22Page - ON Semiconductor AX5243 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
Specifications
www.onsemi.com
AX5243
19
Receiver Sensitivities
The table lists typical input sensitivities (without FEC) in dBm at the SMA connector with
the complete matching network for BER=10-3 at 433 or 868 MHz.
Data
rate
[kbps]
FSK
h=0.66
FSK
h=1
FSK
h=2
FSK
h=4
FSK
h=5
FSK
h=8
FSK
h=16
PSK
0.1
Sensitivity [dBm]
-135
-134.5
-132.5
-133
-133.5
-133
-132.5
-138
RX Bandwidth [kHz]
0.2
0.2
0.3
0.5
0.6
0.9
2.1
0.2
Deviation [kHz]
0.033
0.05
0.1
0.2
0.25
0.4
0.8
1
Sensitivity [dBm]
-126
-125
-123
-123.5
-124
-123.5
-122.5
-130
RX Bandwidth [kHz]
1.5
2
3
6
7
11
21
1
Deviation [kHz]
0.33
0.5
1
2
2.5
4
8
10
Sensitivity [dBm]
-117
-116
-113
-114
-113.5
-113
-120
RX Bandwidth [kHz]
15
20
30
50
60
110
10
Deviation [kHz]
3.3
5
10
20
25
40
100
Sensitivity [dBm]
-107
-105.5
-109
RX Bandwidth [kHz]
150
200
100
Deviation [kHz]
33
50
125
Sensitivity [dBm]
-105
-104
-108
RX Bandwidth [kHz]
187.5
200
125
Deviation [kHz]
42.3
62.5
Notes
1.
Sensitivities are equivalent for 1010 data streams and PN9 whitened data streams.
2.
RX bandwidths < 0.9 kHz cannot be achieved with an 48 MHz TCXO. A 16 MHz TCXO was used for all measurements at 0.1 kbps.
Receiver
SYM
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
SBR
Signal bit rate
0.1
125
kbps
ISBER868
Input sensitivity at BER = 10-3
for 868 MHz operation,
continuous data,
without FEC
FSK, h = 0.5, 100 kbps
-105
dBm
FSK, h = 0.5, 10 kbps
-116
FSK, 500 Hz deviation,
1.2 kbps
-126
PSK, 100 kbps
-109
PSK, 100 kbps
-120
PSK, 100 kbps
-130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com