Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 63 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 63 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 57Page - ON Semiconductor AX5243 Datasheet HTML 58Page - ON Semiconductor AX5243 Datasheet HTML 59Page - ON Semiconductor AX5243 Datasheet HTML 60Page - ON Semiconductor AX5243 Datasheet HTML 61Page - ON Semiconductor AX5243 Datasheet HTML 62Page - ON Semiconductor AX5243 Datasheet HTML 63Page - ON Semiconductor AX5243 Datasheet HTML 64Page - ON Semiconductor AX5243 Datasheet HTML 65Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
QFN28 Package Information
www.onsemi.com
AX5243
63
63
8.3. QFN28 Recommended Pad Layout
1. PCB land and solder masking recommendations are shown in Figure 15.
A = Clearance from PCB thermal pad to solder mask opening,
0.0635 mm minimum
B = Clearance from edge of PCB thermal pad to PCB land, 0.2
mm minimum
C = Clearance from PCB land edge to solder mask opening to be
as tight as possible to ensure that some solder mask remains
between PCB pads
D = PCB land length = QFN solder pad length + 0.1mm
E = PCB land width = QFN solder pad width + 0.1 mm
Figure 15: PCB land and solder mask recommendations
2. Thermal vias should be used on the PCB thermal pad (middle ground pad) to
improve thermal conductivity from the device to a copper ground plane area on the
reverse side of the printed circuit board. The number of vias depends on the package
thermal requirements, as determined by thermal simulation or actual testing.
3. Increasing the number of vias through the printed circuit board will improve the
thermal conductivity to the reverse side ground plane and external heat sink. In
general, adding more metal through the PC board under the IC will improve
operational heat transfer, but will require careful attention to uniform heating of the
board during assembly.
8.4. Assembly Process
Stencil Design & Solder Paste Application
1. Stainless steel stencils are recommended for solder paste application.
2. A stencil thickness of 0.125 – 0.150 mm (5 – 6 mils) is recommended for screening.
3. For the PCB thermal pad, solder paste should be printed on the PCB by designing a
stencil with an array of smaller openings that sum to 50% of the QFN exposed pad
area. Solder paste should be applied through an array of squares (or circles) as
shown in Figure 16.
4. The aperture opening for the signal pads should be between 50-80% of the QFN pad
area as shown in Figure 17.
5. Optionally, for better solder paste release, the aperture walls should be trapezoidal
and the corners rounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com