Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 37 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 33Page - ON Semiconductor AX5243 Datasheet HTML 34Page - ON Semiconductor AX5243 Datasheet HTML 35Page - ON Semiconductor AX5243 Datasheet HTML 36Page - ON Semiconductor AX5243 Datasheet HTML 37Page - ON Semiconductor AX5243 Datasheet HTML 38Page - ON Semiconductor AX5243 Datasheet HTML 39Page - ON Semiconductor AX5243 Datasheet HTML 40Page - ON Semiconductor AX5243 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
37
carrier signal. For AFC adjustment, the frequency offset can be computed with the
following formula:
XTAL
f
TRKRFFREQ
f
24
2
.
The pull-in range of the AFC can be programmed with the
MAXRFOFFSET Registers.
5.15. PWRMODE Register
The
PWRMODE register controls, which parts of the chip are operating.
PWRMODE
register
Name
Description
0000
POWERDOWN
All digital and analog functions, except the register file, are disabled. The core
supply voltages are switched off to conserve leakage power. Register
contents are preserved and accessible registers via SPI, but at a slower
speed.
Access to the FIFO is not possible and the contents are not preserved.
POWERDOWN mode is only entered once the FIFO is empty.
0001
DEEPSLEEP
AX5243 is fully turned off. All digital and analog functions are disabled. All
register contents are lost.
To leave DEEPSLEEP mode the pin SEL has to be pulled low. This will initiate
startup and reset of the AX5243. Then the MISO line should be polled, as it
will be held low during initialization and will rise to high at the end of the
initialization, when the chip becomes ready for operation.
0101
STANDBY
The crystal oscillator and the reference are powered on; receiver and
transmitter are off. Register contents are preserved and accessible registers
via SPI.
Access to the FIFO is not possible and the contents are not preserved.
STANDBY is only entered once the FIFO is empty.
0110
FIFO
The reference is powered on. Register contents are preserved and accessible
registers via SPI.
Access to the FIFO is possible and the contents are preserved.
1000
SYNTHRX
The synthesizer is running on the receive frequency. Transmitter and receiver
are still off. This mode is used to let the synthesizer settle on the correct
frequency for receive.
1001
FULLRX
Synthesizer and receiver are running.
1011
WOR
Receiver wakeup-on-radio mode.
The mode the same as POWERDOWN, but the 640 Hz internal low power
oscillator is running.
1100
SYNTHTX
The synthesizer is running on the transmit frequency. Transmitter and
receiver are still off. This mode is used to let the synthesizer settle on the
correct frequency for transmit.
1101
FULLTX
Synthesizer and transmitter are running. Do not switch into this mode before
the synthesizer has completely settled on the transmit frequency (in
SYNTHTX mode), otherwise spurious spectral transmissions will occur.
For the corresponding currents see table in section 4.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com