Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 7 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 3Page - ON Semiconductor AX5243 Datasheet HTML 4Page - ON Semiconductor AX5243 Datasheet HTML 5Page - ON Semiconductor AX5243 Datasheet HTML 6Page - ON Semiconductor AX5243 Datasheet HTML 7Page - ON Semiconductor AX5243 Datasheet HTML 8Page - ON Semiconductor AX5243 Datasheet HTML 9Page - ON Semiconductor AX5243 Datasheet HTML 10Page - ON Semiconductor AX5243 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
Block Diagram
www.onsemi.com
AX5243
7
2.
Block Diagram
Figure 1 Functional block diagram of the AX5243
AX5243
3
ANTP
4
ANTN
IF Filter &
AGC PGAs
AGC
Crystal
Oscillator
typ.
16 MHz
FOUT
FXTAL
Communication Controller &
Serial Interface
Divider
ADC
Digital IF
channel
filter
LNA
PA diff
De-
modulator
Modulator
Mixer
20
19
Chip configuration
9
Voltage
Regulator
s
POR
Low Power
Oscillator
640 Hz/10kHz
17
18
6
7
8
10 11 12 13
14 15
1,5
16
References
Wake on Radio
Registers
SPI
RF Frequency
Generation
Subsystem
RF Output
27 MHz –
1.05 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com