Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 62 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 62 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 57Page - ON Semiconductor AX5243 Datasheet HTML 58Page - ON Semiconductor AX5243 Datasheet HTML 59Page - ON Semiconductor AX5243 Datasheet HTML 60Page - ON Semiconductor AX5243 Datasheet HTML 61Page - ON Semiconductor AX5243 Datasheet HTML 62Page - ON Semiconductor AX5243 Datasheet HTML 63Page - ON Semiconductor AX5243 Datasheet HTML 64Page - ON Semiconductor AX5243 Datasheet HTML 65Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
QFN28 Package Information
www.onsemi.com
AX5243
62
8.2. QFN28 Soldering Profile
Profile Feature
Pb-Free Process
Average Ramp-Up Rate
3 °C/sec max.
Preheat Preheat
Temperature Min
TsMIN
150°C
Temperature Max
TsMAX
200°C
Time (TsMIN to TsMAX)
ts
60 – 180 sec
Time 25°C to Peak Temperature
T25 ° to Peak
8 min max.
Reflow Phase
Liquidus Temperature
TL
217°C
Time over Liquidus Temperature
tL
60 – 150 sec
Peak Temperature
tp
260°C
Time within 5°C of actual Peak
Temperature
Tp
20 – 40 sec
Cooling Phase
Ramp-down rate
6°C/sec max.
Notes:
All temperatures refer to the top side of the package, measured on the package body surface.
Time
Tp
T
L
TsMA
X
TsMI
N
t25° to Peak
ts
tL
25°C
Preheat
Reflow
Cooling
tp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com