Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 26 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 26 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 22Page - ON Semiconductor AX5243 Datasheet HTML 23Page - ON Semiconductor AX5243 Datasheet HTML 24Page - ON Semiconductor AX5243 Datasheet HTML 25Page - ON Semiconductor AX5243 Datasheet HTML 26Page - ON Semiconductor AX5243 Datasheet HTML 27Page - ON Semiconductor AX5243 Datasheet HTML 28Page - ON Semiconductor AX5243 Datasheet HTML 29Page - ON Semiconductor AX5243 Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
26
5.2. Crystal Oscillator and TCXO Interface
The AX5243 is normally operated with an external TCXO, which is required by most
narrow-band regulation with a tolerance of 0.5 ppm to 1.5 ppm depending on the
regulation. The on-chip crystal oscillator allows the use of an inexpensive quartz crystal
as the RF generation subsystem’s timing reference when possible from a regulatory point
of view.
A wide range of reference frequencies can be handled by the crystal oscillator circuit. As
the reference frequency impacts both the spectral performance of the transmitter as well
as the current consumption of the receiver, the choice of reference frequency should be
made according to the regulatory regime targeted by the application. For guide-lines see
the separate Application Notes for usage of AX5243 in compliance with various
regulatory regimes.
The crystal or TCXO reference frequency should be chosen so that the RF carrier
frequency is not an integer multiple of the crystal or TCXO frequency.
The oscillator circuit is enabled by programming the
PWRMODE register. At power-up it
is enabled.
To adjust the circuit’s characteristics to the quartz crystal being used, without using
additional external components, the tuning capacitance of the crystal oscillator can be
programmed. The transconductance of the oscillator is automatically regulated, to allow
for fastest start-up times together with lowest power operation during steady-state
oscillation.
The integrated programmable tuning capacitor bank makes it possible to connect the
oscillator directly to pins CLK16N and CLK16P without the need for external capacitors. It
is programmed using bits XTALCAP[5:0] in register
XTALCAP.
To synchronize the receiver frequency to a carrier signal, the oscillator frequency could
be tuned using the capacitor bank however, the recommended method to implement
frequency synchronization is to make use of the high resolution RF frequency generation
sub-system together with the Automatic Frequency Control, both are described further
down.
Alternatively a single ended reference (TXCO, CXO) may be used. For detailed TCXO
network recommendations depending on TCXO output swing refer to the AX5243
Application Note: Use with a TXCO Reference Clock.
5.3. Low Power Oscillator and Wake on Radio (WOR) Mode
The AX5243 features an internal lowest power fully integrated oscillator. In default
mode the frequency of oscillation is 640 Hz +/- 1.5%, in fast mode it is 10.2 kHz +/-
1.5%.
These accuracies are reached after the internal hardware has been used to
calibrate the low power oscillator versus the RF reference clock. This procedure can be
run in the background during transmit or receive operations.
The low power oscillator makes a WOR mode with a power consumption of 500nA
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com