Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 25 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 21Page - ON Semiconductor AX5243 Datasheet HTML 22Page - ON Semiconductor AX5243 Datasheet HTML 23Page - ON Semiconductor AX5243 Datasheet HTML 24Page - ON Semiconductor AX5243 Datasheet HTML 25Page - ON Semiconductor AX5243 Datasheet HTML 26Page - ON Semiconductor AX5243 Datasheet HTML 27Page - ON Semiconductor AX5243 Datasheet HTML 28Page - ON Semiconductor AX5243 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
25
5.1. Voltage Regulators
The AX5243 uses an on-chip voltage regulator system to create stable supply voltages
for the internal circuitry from the primary supply VDD_IO. The I/O level of the digital
pins is VDD_IO.
Pins VDD_ANA are supplied for external decoupling of the power supply used for the on-
chip PA.
The voltage regulator system must be set into the appropriate state before receive or
transmit operations can be initiated. This is handled automatically when programming
the device modes via the
PWRMODE register.
Register
POWSTAT contains status bits that can be read to check if the regulated voltages
are ready (bit SVIO) or if VDD_IO has dropped below the brown-out level of 1.3V (bit
SSUM).
In power-down mode the core supply voltages for digital and analog functions are
switched off to minimize leakage power. Most register contents are preserved but access
to the FIFO is not possible and FIFO contents are lost. SPI access to registers is possible,
but at lower speed.
In deep-sleep mode all supply voltages are switched off. All digital and analog functions
are disabled. All register contents are lost. To leave deep-sleep mode the pin SEL has to
be pulled low. This will initiate startup and reset of the AX5243. Then the MISO line
should be polled, as it will be held low during initialization and will rise to high at the end
of the initialization, when the chip becomes ready for operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com