Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 55 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 55 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 51Page - ON Semiconductor AX5243 Datasheet HTML 52Page - ON Semiconductor AX5243 Datasheet HTML 53Page - ON Semiconductor AX5243 Datasheet HTML 54Page - ON Semiconductor AX5243 Datasheet HTML 55Page - ON Semiconductor AX5243 Datasheet HTML 56Page - ON Semiconductor AX5243 Datasheet HTML 57Page - ON Semiconductor AX5243 Datasheet HTML 58Page - ON Semiconductor AX5243 Datasheet HTML 59Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
Application Information
www.onsemi.com
AX5243
55
55
7.
Application Information
7.1. Typical Application Diagrams
Match to 50 Ohm for the antenna pins (868/915/433/169 MHz RX/TX
operation)
50
single-ended
equipment or
antenna
IC antenna
pins
LT1
LC1
LB1
CT1
CC1
CM1
LT2
LC2
CT2
CC2
CM2
CB2
LB2
CF
LF
CA
CA
Optional filter stage
to suppress TX
harmonics
Figure 9 Structure of the antenna interface for TX/RX operation to 50  single-ended equipment or
antenna
Frequency
Band
LC1,2
[nH]
CC1,2
[pF]
CT1,2
[pF]
LT1,2
[nH]
CM1
[pF]
CM2
[pF]
LB1,2
[nH]
CB2
[pF]
CF
[pF]
optional
LF
[nH]
optional
CA
[pF]
optional
868 / 915
MHz
18
nc
2.7
18
6.2
3.6
12
2.7
nc
0 OHM
nc
433 MHz
100
nc
4.3
43
11
5.6
27
5.1
nc
0 OHM
nc
470 MHz
100
nc
3.9
33
4.7
nc
22
4.7
nc
0 OHM
nc
169 MHz
150
10
10
120
12
nc
68
12
6.8
30
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com