Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 14 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 10Page - ON Semiconductor AX5243 Datasheet HTML 11Page - ON Semiconductor AX5243 Datasheet HTML 12Page - ON Semiconductor AX5243 Datasheet HTML 13Page - ON Semiconductor AX5243 Datasheet HTML 14Page - ON Semiconductor AX5243 Datasheet HTML 15Page - ON Semiconductor AX5243 Datasheet HTML 16Page - ON Semiconductor AX5243 Datasheet HTML 17Page - ON Semiconductor AX5243 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
Specifications
www.onsemi.com
AX5243
14
4.3. AC Characteristics
Crystal Oscillator
SYMBOL
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
fXTAL
Crystal frequency
Notes 1, 2, 3
10
16
50
MHz
gmosc
Oscillator transconductance
control range
Self-regulated see
note 4
0.2
20
mS
Cosc
Programmable tuning capacitors
at pins CLK16N and CLK16P
XTALCAP = 0x00
default
3
pF
XTALCAP = 0x01
8.5
pF
XTALCAP = 0xFF
40
pF
Cosc-lsb
Programmable tuning capacitors,
increment per LSB of XTALCAP
XTALCAP = 0x01 –
0xFF
0.5
pF
fext
External clock input (TCXO)
Notes 2, 3, 5
10
16
50
MHz
RINosc
Input DC impedance
10
kΩ
NDIVSYSCLK
Divider ratio fSYSCLK = fXTAL /
NDIVSYSCLK
20
24
210
Notes
1.
Tolerances and start-up times depend on the crystal used. Depending on the RF frequency and channel spacing the IC must be
calibrated to the exact crystal frequency using the readings of the register TRKFREQ
2.
The choice of crystal oscillator or TCXO frequency depends on the targeted regulatory regime for TX, see separate documentation on
meeting regulatory requirements.
3.
To avoid spurious emission, the crystal or TCXO reference frequency should be chosen so that the RF carrier frequency is not an integer
multiple of the crystal or TCXO frequency.
4.
The oscillator transconductance is regulated for fastest start-up time during start-up and for lowest power during steady state oscillation.
This means that values will depend on the crystal used.
5.
If an external clock (TCXO) is used, it should be input via an AC coupling at pin CLK16P with the oscillator powered up and
XTALCAP=0x00. For detailed TCXO network recommendations depending on TCXO output swing refer to the AX5243 Application Note:
Use with a TXCO Reference Clock.
Low-power Oscillator
SYMBOL
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
fosc-slow
Oscillator frequency slow mode
LPOSC FAST=0
No calibration
480
640
800
Hz
Internal calibration
vs. crystal clock
has been
performed
630
640
650
Hz
fosc-fast
Oscillator frequency fast mode
LPOSC FAST=1
No calibration
7.6
10.2
12.8
kHz
Internal calibration
vs. crystal clock
has been
performed
9.8
10.2
10.8
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com