Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 8 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 4Page - ON Semiconductor AX5243 Datasheet HTML 5Page - ON Semiconductor AX5243 Datasheet HTML 6Page - ON Semiconductor AX5243 Datasheet HTML 7Page - ON Semiconductor AX5243 Datasheet HTML 8Page - ON Semiconductor AX5243 Datasheet HTML 9Page - ON Semiconductor AX5243 Datasheet HTML 10Page - ON Semiconductor AX5243 Datasheet HTML 11Page - ON Semiconductor AX5243 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
Pin Function Descriptions
www.onsemi.com
AX5243
8
3.
Pin Function Descriptions
Symbol
Pin(s)
Type
Description
VDD_ANA
1
P
Analog power output, decouple to neighboring GND
GND
2
P
Ground, decouple to neighboring VDD_ANA
ANTP
3
A
Differential antenna input/output
ANTN
4
A
Differential antenna input/output
VDD_ANA
5
P
Analog power output, decouple to GND
FILT
6
A
Optional synthesizer filter
L2
7
A
Optional synthesizer inductor, should be shorted with L1 if not
used.
L1
8
A
Optional synthesizer inductor, should be shorted with L2 if not
used.
SYSCLK
9
I/O
Default functionality: Crystal oscillator (or divided) clock
output
Can be programmed to be used as a general purpose I/O pin
Selectable internal 65 k pull-up resistor
SEL
10
I
Serial peripheral interface select
CLK
11
I
Serial peripheral interface clock
MISO
12
O
Serial peripheral interface data output
MOSI
13
I
Serial peripheral interface data input
IRQ
14
I/O
Default functionality: Transmit and receive interrupt
Can be programmed to be used as a general purpose I/O pin
Selectable internal 65 k pull-up resistor
TCXO_EN
15
I/O
General purpose I/O pin which can be programmed to enable
an external TCXO
Selectable internal 65 k pull-up resistor
VDD_IO
16
P
Power supply 1.8 V – 3.3 V
GPADC1
17
A
GPADC input, must be connected to GND if not used
GPADC2
18
A
GPADC input, must be connected to GND if not used
CLK16N
19
A
Crystal oscillator input/output
CLK16P
20
A
Crystal oscillator input/output
GND
Center pad
P
Ground on center pad of QFN, must be connected
A = analog signal
I/O
= digital input/output signal
I
= digital input signal
N
= not to be connected
O =
digital output signal
P
= power or ground
All digital inputs are Schmitt trigger inputs, digital input and output levels are LVCMOS/LVTTL compatible and
5V tolerant
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com