Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 10 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 6Page - ON Semiconductor AX5243 Datasheet HTML 7Page - ON Semiconductor AX5243 Datasheet HTML 8Page - ON Semiconductor AX5243 Datasheet HTML 9Page - ON Semiconductor AX5243 Datasheet HTML 10Page - ON Semiconductor AX5243 Datasheet HTML 11Page - ON Semiconductor AX5243 Datasheet HTML 12Page - ON Semiconductor AX5243 Datasheet HTML 13Page - ON Semiconductor AX5243 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
Specifications
www.onsemi.com
AX5243
10
4.
Specifications
4.1. Absolute Maximum Ratings
Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device.
This is a stress rating only; functional operation of the device at these or any other
conditions above those listed in the operational sections of this specification is not
implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
SYMBOL
DESCRIPTION
CONDITION
MIN
MAX
UNIT
VDD_IO
Supply voltage
-0.5
5.5
V
IDD
Supply current
200
mA
Ptot
Total power consumption
800
mW
Pi
Absolute maximum input
power at receiver input
ANTP and ANTN pins
in RX mode
10
dBm
II1
DC current into any pin
except ANTP, ANTN
-10
10
mA
II2
DC current into pins ANTP,
ANTN
-100
100
mA
IO
Output Current
40
mA
Via
Input voltage ANTP, ANTN
pins
-0.5
5.5
V
Input voltage digital pins
-0.5
5.5
V
Ves
Electrostatic handling
HBM
-2000
2000
V
Tamb
Operating temperature
-40
85
°C
Tstg
Storage temperature
-65
150
°C
Tj
Junction Temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com