Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 50 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 50 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 46Page - ON Semiconductor AX5243 Datasheet HTML 47Page - ON Semiconductor AX5243 Datasheet HTML 48Page - ON Semiconductor AX5243 Datasheet HTML 49Page - ON Semiconductor AX5243 Datasheet HTML 50Page - ON Semiconductor AX5243 Datasheet HTML 51Page - ON Semiconductor AX5243 Datasheet HTML 52Page - ON Semiconductor AX5243 Datasheet HTML 53Page - ON Semiconductor AX5243 Datasheet HTML 54Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
Register Bank Description
www.onsemi.com
AX5243
50
14C FREQDEV12
RW R
––––0000 –
–
–
–
FREQDEV2(11:8)
Receiver Frequency Deviation
14D FREQDEV02
RW R
00100000 FREQDEV2(7:0)
Receiver Frequency Deviation
14E FOURFSK2
RW R
–––11010 –
–
–
DEV
UPDATE2
DEVDECAY2(3:0)
Four FSK Control
14F BBOFFSRES2
RW R
10001000 RESINTB2(3:0)
RESINTA2(3:0)
Baseband Offset Compensation
Resistors
Receiver Parameter Set 3
150 AGCGAIN3
RW R
11111111 AGCDECAY3(3:0)
AGCATTACK3(3:0)
AGC Speed
151 AGCTARGET3
RW R
01110110 AGCTARGET3(7:0)
AGC Target
152 AGCAHYST3
RW R
–––––000 -
AGCAHYST3(2:0)
AGC Digital Threshold Range
153 AGCMINMAX3
RW R
–000–000 -
AGCMAXDA3(2:0)
-
AGCMINDA3(2:0)
AGC Digital Min/Max Set Points
154 TIMEGAIN3
RW R
11110101 TIMEGAIN3M
TIMEGAIN3E
Timing Gain
155 DRGAIN3
RW R
11110000 DRGAIN3M
DRGAIN3E
Data Rate Gain
156 PHASEGAIN3
RW R
11––0011 FILTERIDX3(1:0)
–
–
PHASEGAIN3(3:0)
Filter Index, Phase Gain
157 FREQGAINA3
RW R
00001111 FREQ LIM3
FREQ
MODULO3
FREQ
HALFMOD
3
FREQ AMPL
GATE3
FREQGAINA3(3:0)
Frequency Gain A
158 FREQGAINB3
RW R
00–11111 FREQ FREEZE3
FREQ
AVG3
–
FREQGAINB3(4:0)
Frequency Gain B
159 FREQGAINC3
RW R
–––01101 –
–
–
FREQGAINC3(4:0)
Frequency Gain C
15A FREQGAIND3
RW R
0––01101 RFFREQ FREEZE3
–
–
FREQGAIND3(4:0)
Frequency Gain D
15B AMPLGAIN3
RW R
01––0110 AMPL AVG3
AMPL
AGC3
–
–
AMPLGAIN3(3:0)
Amplitude Gain
15C FREQDEV13
RW R
––––0000 –
–
–
–
FREQDEV3(11:8)
Receiver Frequency Deviation
15D FREQDEV03
RW R
00100000 FREQDEV3(7:0)
Receiver Frequency Deviation
15E FOURFSK3
RW R
–––11010 –
–
–
DEV
UPDATE3
DEVDECAY3(3:0)
Four FSK Control
15F BBOFFSRES3
RW R
10001000 RESINTB3(3:0)
RESINTA3(3:0)
Baseband Offset Compensation
Resistors
Transmitter Parameters
160 MODCFGF
RW R
––––––00 –
–
–
–
–
–
FREQ SHAPE
Modulator Configuration F
161 FSKDEV2
RW R
00000000 FSKDEV(23:16)
FSK Frequency Deviation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com