Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 15 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 11Page - ON Semiconductor AX5243 Datasheet HTML 12Page - ON Semiconductor AX5243 Datasheet HTML 13Page - ON Semiconductor AX5243 Datasheet HTML 14Page - ON Semiconductor AX5243 Datasheet HTML 15Page - ON Semiconductor AX5243 Datasheet HTML 16Page - ON Semiconductor AX5243 Datasheet HTML 17Page - ON Semiconductor AX5243 Datasheet HTML 18Page - ON Semiconductor AX5243 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
Specifications
www.onsemi.com
AX5243
15
RF Frequency Generation Subsystem (Synthesizer)
SYM
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
fREF
Reference frequency
The reference frequency must be chosen so
that the RF carrier frequency is not an
integer multiple of the reference frequency
10
16
50
MHz
Dividers
NDIVref
Reference divider ratio range
Controlled directly with register
REFDIV
20
23
NDIVm
Main divider ratio range
Controlled indirectly with
register FREQ
4.5
66.5
NDIVRF
RF divider range
Controlled directly with register
RFDIV
1
2
Charge Pump
ICP
Charge pump current
Programmable in increments of
8.5 μA via register PLLCPI
8.5
2168
μA
Internal VCO (VCOSEL=0)
fRF
RF frequency range
RFDIV=1
400
525
MHz
RFDIV=0
800
1050
fstep
RF frequency step
RFDIV=1, fxtal=16.000000 MHz
0.98
Hz
BW
Synthesizer loop bandwidth
The synthesizer loop bandwidth
and start-up time can be
programmed with registers
PLLLOOP and PLLCPI.
For recommendations see the
AX5243 Programming Manual,
the AX-RadioLab software and
AX5243 Application Notes on
compliance with regulatory
regimes.
50
500
kHz
Tstart
Synthesizer start-up time if crystal
oscillator and reference are running
5
25
μs
PN868
Synthesizer phase noise 868 MHz
fREF = 48 MHz
10 kHz offset from carrier
-95
dBc/Hz
1 MHz offset from carrier
-120
PN433
Synthesizer phase noise 433 MHz
fREF = 48 MHz
10 kHz offset from carrier
-105
dBc/Hz
1 MHz offset from carrier
-120
VCO with external inductors (VCOSEL=1, VCO2INT=1)
fRFrng_lo
RF frequency range
For choice of Lext values as well as
VCO gains see Figure 3 and Figure
4
RFDIV=1
27
262
MHz
fRFrng_hi
RFDIV=0
54
525
PN169
Synthesizer phase noise 169 MHz
Lext=47 nH (wire wound 0603)
RFDIV=0, fREF = 16 MHz
Note: phase noises can be
improved with higher fREF
10 kHz from carrier
-97
dBc/Hz
1 MHz from carrier
-115
External VCO (VCOSEL=1, VCO2INT=0)
fRF
RF frequency range fully external
VCO
Note: The external VCO
frequency needs to be 2xfRF
27
1000
MHz
Vamp
Differential input amplitude at L1,
L2 terminals
0.7
V
VinL
Input voltage levels at L1, L2
terminals
0
1.8
V
Vctrl
Control voltage range
Available at terminal FILT in
external loop filter mode
0
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com