Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 27 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 23Page - ON Semiconductor AX5243 Datasheet HTML 24Page - ON Semiconductor AX5243 Datasheet HTML 25Page - ON Semiconductor AX5243 Datasheet HTML 26Page - ON Semiconductor AX5243 Datasheet HTML 27Page - ON Semiconductor AX5243 Datasheet HTML 28Page - ON Semiconductor AX5243 Datasheet HTML 29Page - ON Semiconductor AX5243 Datasheet HTML 30Page - ON Semiconductor AX5243 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
27
If Wake-on-Radio Mode is enabled, the receiver wakes up periodically at a user
selectable interval, and checks for a radio signal on the selected channel. If no signal is
detected, the receiver shuts down again. If a radio signal is detected, and a valid packet
is received, the micro-controller is alerted by asserting an interrupt.
The AX5243 can thus autonomously poll for radio signals, while the micro-controller can
stay powered down, and only wakes up once a valid packet is received. This allows for
very low average receiver power, at the expense of longer preambles at the transmitter.
5.4.
GPIO Pin
Pins SYSCLK, IRQ and TCXO_EN can be used as general purpose I/O pins by
programming
pin
configuration
registers
PINFUNCSYSCLK,
PINFUNCIRQ,
PINFUNCPWRAMP. Pin input values can be read via register PINSTATE. Pull-ups are
disabled if output data is programmed to the GPIO pin
65 k
VDD_IO
VDD_IO
output data
input data
enable weak pull-up
enable output
Figure 5 GPIO pin
5.5. SYSCLK Output
The SYSCLK pin outputs either the reference clock signal divided by a programmable
power of two or the low power oscillator clock. Division ratios from 1 to 1024 are
possible. For divider ratios > 1 the duty cycle is 50%. Bits SYSCLK[4:0] in the
PINFUNCSYSCLK register set the divider ratio. The SYSCLK output can be disabled.
After power-up SYSCLK outputs 1/16 of the crystal oscillator clock, making it possible to
use this clock to boot a micro-controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com