Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 13Page - Texas Instruments DLPC900 Datasheet HTML 14Page - Texas Instruments DLPC900 Datasheet HTML 15Page - Texas Instruments DLPC900 Datasheet HTML 16Page - Texas Instruments DLPC900 Datasheet HTML 17Page - Texas Instruments DLPC900 Datasheet HTML 18Page - Texas Instruments DLPC900 Datasheet HTML 19Page - Texas Instruments DLPC900 Datasheet HTML 20Page - Texas Instruments DLPC900 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
Reserved Pin Functions (continued)
PIN
I/O
I/O TYPE
CLK SYSTEM
DESCRIPTION
POWER
NAME
NUMBER
B2
RESERVED_D3
D3
VDD33
N/A
Reserved. Should be left unconnected.
D
B2
RESERVED_C2
C2
VDD33
N/A
Reserved. Should be left unconnected.
D
B2
RESERVED_A4
A4
VDD33
N/A
Reserved. Should be left unconnected.
D
B2
RESERVED_B5
B5
VDD33
N/A
Reserved. Should be left unconnected.
D
B2
RESERVED_C6
C6
VDD33
N/A
Reserved. Should be left unconnected.
D
B2
RESERVED_A5
A5
VDD33
N/A
Reserved. Should be left unconnected.
D
B2
RESERVED_D7
D7
VDD33
N/A
Reserved. Should be left unconnected.
D
Power and Ground Pin Functions
PIN
I/O TYPE
DESCRIPTION
NAME
NUMBER
F20, F17, F11, F8, L21, R21, Y21,
VDD33
PWR
3.3-V I/O power
AA19, AA16, AA10, AA7
C1, F5, G6, K6, M5, P5, T5,
1.8-V internal DRAMVDD and LVDSAVD I/O power
VDD18
W6, AA5, AE1, H5, N6, T6,
PWR
(To shut this power down in a system low-power mode, see
the System Power-Up Sequence.)
AA13, U21, P21, H21, F14
F19, F16, F13, F10, F7, H6, L6,
P6, U6, Y6, AA8, AA11, AA14, AA17,
VDDC
PWR
1.15-V core power
AA20, W21, T21, N21, K21, G21, L11,
T11, T16, L16
1.15-V DMD clock generator PLL
PLLD_VDD
L22
PWR
Digital power
1.15-V DMD clock generator PLL
PLLD_VSS
L23
GND
Digital GND
1.8-V DMD clock generator PLL
PLLD_VAD
K25
PWR
Analog power
1.8-V DMD clock generator PLL
PLLD_VAS
K26
GND
Analog GND
1.15-V master-LS clock generator PLL
PLLM1_VDD
L26
PWR
Digital power
1.15-V master-LS clock generator PLL
PLLM1_VSS
M22
GND
Digital GND
1.8-V master-LS clock generator PLL
PLLM1_VAD
L24
PWR
Analog power
1.8-V master-LS clock generator PLL
PLLM1_VAS
L25
GND
Analog GND
1.15-V master-HS clock generator PLL
PLLM2_VDD
P23
PWR
Digital power
1.15-V master-HS clock generator PLL
PLLM2_VSS
P24
GND
Digital GND
1.8-V master-HS clock generator PLL
PLLM2_VAD
R25
PWR
Analog power
1.8-V master-HS clock generator PLL
PLLM2_VAS
R26
GND
Analog GND
1.15-V video-2X clock generator PLL
PLLS_VAD
R23
PWR
Analog power
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com