Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 7Page - Texas Instruments DLPC900 Datasheet HTML 8Page - Texas Instruments DLPC900 Datasheet HTML 9Page - Texas Instruments DLPC900 Datasheet HTML 10Page - Texas Instruments DLPC900 Datasheet HTML 11Page - Texas Instruments DLPC900 Datasheet HTML 12Page - Texas Instruments DLPC900 Datasheet HTML 13Page - Texas Instruments DLPC900 Datasheet HTML 14Page - Texas Instruments DLPC900 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
Port 1 and Port 2 Channel Data and Control Pin Functions (continued)
PIN (1) (2) (3)
I/O
I/O TYPE
CLK SYSTEM
DESCRIPTION
POWER
NAME
NUMBER
P2_A9
AD26
Port 2 A channel input pixel data (bit weight 128)
P2_A8
AD25
Port 2 A channel input pixel data (bit weight 64)
P2_A7
AB21
Port 2 A channel input pixel data (bit weight 32)
P2_A6
AC22
Port 2 A channel input pixel data (bit weight 16)
P_CLK1,
P2_A5
AD23
I4
Port 2 A channel input pixel data (bit weight 8)
VDD33
P_CLK2, or
P2_A4
AB20
D
Port 2 A channel input pixel data (bit weight 4)
P_CLK3
P2_A3
AC21
Port 2 A channel input pixel data (bit weight 2)
P2_A2
AD22
Port 2 A channel input pixel data (bit weight 1)
P2_A1 (1)
AE23
Unused, tie to 0
P2_A0 (1)
AB19
Unused, tie to 0
P2_B9
Y22
Port 2 B channel input pixel data (bit weight 128)
P2_B8
AB26
Port 2 B channel input pixel data (bit weight 64)
P2_B7
AA23
Port 2 B channel input pixel data (bit weight 32)
P2_B6
AB25
Port 2 B channel input pixel data (bit weight 16)
P_CLK1,
P2_B5
AA22
I4
Port 2 B channel input pixel data (bit weight 8)
VDD33
P_CLK2, or
P2_B4
AB24
D
Port 2 B channel input pixel data (bit weight 4)
P_CLK3
P2_B3
AC26
Port 2 B channel input pixel data (bit weight 2)
P2_B2
AB23
Port 2 B channel input pixel data (bit weight 1)
P2_B1 (1)
AC25
Unused, tie to 0
P2_B0 (1)
AC24
Unused, tie to 0
P2_C9
W23
Port 2 C channel input pixel data (bit weight 128)
P2_C8
V22
Port 2 C channel input pixel data (bit weight 64)
P2_C7
Y26
Port 2 C channel input pixel data (bit weight 32)
P2_C6
Y25
Port 2 C channel input pixel data (bit weight 16)
P_CLK1,
P2_C5
Y24
I4
Port 2 C channel input pixel data (bit weight 8)
VDD33
P_CLK2, or
P2_C4
Y23
D
Port 2 C channel input pixel data (bit weight 4)
P_CLK3
P2_C3
W22
Port 2 C channel input pixel data (bit weight 2)
P2_C2
AA26
Port 2 C channel input pixel data (bit weight 1)
P2_C1 (1)
AA25
Unused, tie to 0
P2_C0 (1)
AA24
Unused, tie to 0
P_CLK1,
B2
Port 2 vertical sync. While intended to be associated with
P2_VSYNC
U22
VDD33
P_CLK2, or
D
port 2, it can be programmed for use with port 1.
P_CLK3
P_CLK1,
B2
Port 2 horizontal sync. While intended to be associated with
P2_HSYNC
W26
VDD33
P_CLK2, or
D
port 2, it can be programmed for use with port 1.
P_CLK3
Clock and PLL Support Pin Functions
PIN
I/O
I/O TYPE
CLK SYSTEM
DESCRIPTION
POWER
NAME
NUMBER
System clock oscillator input (3.3-V LVTTL). MOSC must be
MOSC
M26
VDD33
I10
N/A
stable a maximum of 25 ms after POSENSE transitions from
low to high.
MOSCN
N26
VDD33
O10
N/A
MOSC crystal return.
General-purpose output clock A. The frequency is software
programmable. Power-up default is 787 kHz and the output
OCLKA (1)
AF6
VDD33
O5
Async
frequency is maintained through all operations, except
power loss and reset.
(1)
This signal does not apply to the slave controller in a two controller system configuration. On the slave controller, this pin is reserved
and should be left unconnected. Refer to the Typical Single Controller Chipset and the Typical Two Controller Chipset for a description
between a one controller and a two controller configuration.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com