Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 33Page - Texas Instruments DLPC900 Datasheet HTML 34Page - Texas Instruments DLPC900 Datasheet HTML 35Page - Texas Instruments DLPC900 Datasheet HTML 36Page - Texas Instruments DLPC900 Datasheet HTML 37Page - Texas Instruments DLPC900 Datasheet HTML 38Page - Texas Instruments DLPC900 Datasheet HTML 39Page - Texas Instruments DLPC900 Datasheet HTML 40Page - Texas Instruments DLPC900 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
Full-Bus
A Port Normal
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
DLPC900
Full-Bus
A Port Swapped
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
DLPC900
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
Feature Description (continued)
Therefore, a single video frame is composed of a series of bit-planes. Because the DMD mirrors can be either on
or off, an image is created by turning on the mirrors corresponding to the bit set in a bit-plane. With binary pulse-
width modulation, the intensity level of the color is reproduced by controlling the amount of time the mirror is on.
For a 24-bit RGB frame image inputted to the DLPC900 controller, the DLPC900 controller creates 24 bit-planes,
stores them in internal embedded DRAM, and sends them to the DMD, one bitplane at a time. The bit weight
controls the amount of time the mirror is on. To improve image quality in video frames, these bit-planes, time
slots, and color frames are shuffled and interleaved within the pixel processing functions of the DLPC900
controller.
7.3.1 DMD Configurations
Figure 15 shows the controller connections for full-bus normal or swapped. Refer to the DLPC900 Programmer's
Guide (DLPU018) for details on how to select the bus swap settings to match the board layout connections.
Figure 15. Controller to DMD Full-Bus Connections
7.3.2 Video Timing Input Blanking Specification
The DLPC900 controller requires a minimum horizontal and vertical blanking for both Port 1 and Port 2 as shown
in Source Input Blanking Requirements . These parameters indicate the time allocated to retrace the signal at the
end of each line and field of a display. Refer to Video Timing Parameter Definitions.
7.3.3 Board-Level Test Support
The In-Circuit Tri-State Enable signal (ICTSEN) is a board-level test control signal. By driving ICTSEN to a logic
high state, all controller outputs (except TDO1 and TDO2) will be configured as tri-state outputs.
The DLPC900 also provides JTAG boundary scan support on all I/O except non-digital I/O and a few special
signals. Table 3 lists these exceptions.
Table 3. DLPC900 – Signals
Not Covered by JTAG (1)
SIGNAL NAME
PACKAGE BALL
HW_TEST_EN
M25
MOSC
M26
MOSCN
N26
USB_DAT_N
C5
USB_DAT_P
D6
TCK
N24
TDI
N25
(1)
There is no JTAG connection to
power or no-connect pins.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com