Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 14Page - Texas Instruments DLPC900 Datasheet HTML 15Page - Texas Instruments DLPC900 Datasheet HTML 16Page - Texas Instruments DLPC900 Datasheet HTML 17Page - Texas Instruments DLPC900 Datasheet HTML 18Page - Texas Instruments DLPC900 Datasheet HTML 19Page - Texas Instruments DLPC900 Datasheet HTML 20Page - Texas Instruments DLPC900 Datasheet HTML 21Page - Texas Instruments DLPC900 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
DLPC900
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
Power and Ground Pin Functions (continued)
PIN
I/O TYPE
DESCRIPTION
NAME
NUMBER
1.15-V video-2X clock generator PLL
PLLS_VAS
R24
GND
Analog GND
B18, D18, B17, E17, A18, C18, A17,
L_VDQPAD_[7:0],
D17, AE17, AC17, AF17, AC18, AB16,
DRAM direct test pins (for manufacturing use only). These
RES
R_VDQPAD_[7:0]
AD17,
pins should be tied directly to ground for normal operation.
AB17, AD18
DRAM direct test control pin (for manufacturing use only).
CFO_VDD33
AE26
RES
This pin should be tied directly to 3.3 I/O power (VDD33) for
normal operation.
DRAM direct test control pins (for manufacturing use only).
VTEST1, VTEST2,
AB14, AB15, E15, E16
RES
These pins should be tied directly to ground for normal
VTEST3, VTEST4
operation.
LVDS_AVS1,
Dedicated ground for LVDS bandgap reference. These pins
V5, K5
PWR
LVDS_AVS2
should be tied directly to ground for normal operation.
Fuse programming pin (for manufacturing use only). This
VPGM
AC6
PWR
pin should be tied directly to ground for normal operation.
A26, A25, A24, B25, C24, D23,
E22, F21, F18, F15, F12, F9, F6,
E5, D4, C3, B3, A3, B2, A2,
B1, A1, G5, J5, J6, L5, M6,
N5, R5, R6, U5, V6, W5, Y5,
AA6, AB5, AC4, AD3, AE3, AF3, AF2,
AF1, AA9, AA12, AA15, AA18, AA21,
GND
AB22,
GND
Common ground
AC23, AD24, AE24, AF24, AE25,
AF25, AF26,
V21, M21, J21, L15, L14, L13, L12,
M16, M15, M14, M13, M12, M11, N16,
N15, N14, N13, N12, N11, P16, P15,
P14, P13, P12, P11, R16, R15, R14,
R13, R12, R11, T15, T14, T13, T12
18
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com