Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 16Page - Texas Instruments DLPC900 Datasheet HTML 17Page - Texas Instruments DLPC900 Datasheet HTML 18Page - Texas Instruments DLPC900 Datasheet HTML 19Page - Texas Instruments DLPC900 Datasheet HTML 20Page - Texas Instruments DLPC900 Datasheet HTML 21Page - Texas Instruments DLPC900 Datasheet HTML 22Page - Texas Instruments DLPC900 Datasheet HTML 23Page - Texas Instruments DLPC900 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
DLPC900
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted) (see
(1) )
MIN
MAX
UNIT
VDDC (core)
–0.3
1.6
VDD18 (LVDSAVD I/O and internal DRAMVDD)
–0.3
2.5
VDD33 (I/O)
–0.3
3.9
PLLD_VDD (1.15 V DMD clock generator – digital)
–0.3
1.6
PLLM1_VDD (1.15 V master-LS clock generator –
–0.3
1.6
digital)
PLLM2_VDD (1.15 V master-HS clock generator –
–0.3
1.6
Supply voltage (2) (3)
V
digital)
PLLD_VAD (1.8 V DMD clock generator – analog)
–0.3
2.5
PLLM1_VAD (1.8 V master-LS clock generator –
–0.3
2.5
analog)
PLLM2_VAD (1.8 V master-HS clock generator –
–0.3
2.5
analog)
PLLS_VAD (1.15 V video-2X – analog)
–0.5
1.4
USB
–1
5.25
OSC
–0.3
VDD33 +
0.3 V
VI
Input voltage (4)
V
3.3 LVTTL
–0.3
3.6
3.3 I2C
–0.5
3.8
USB
–1
5.25
1.8 LVDS
–0.3
2.2
VO
Output voltage
V
3.3 LVTTL
–0.3
3.6
3.3 I2C
–0.5
3.8
TJ
Operating junction
0
111
°C
temperature
Tstg
Storage temperature
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
All of the 3.3-, 1.8-, and 1.15-V power should be applied and removed per the procedure defined in System Power-Up Sequence.
Overlap currents, if allowed to continue flowing unchecked not only increase total power dissipation in a circuit, but degrade the circuit
reliability, thus shortening its usual operating life.
(4)
Applies to external input and bidirectional buffers.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins (1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±300
pins (2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
20
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com