Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 28Page - Texas Instruments DLPC900 Datasheet HTML 29Page - Texas Instruments DLPC900 Datasheet HTML 30Page - Texas Instruments DLPC900 Datasheet HTML 31Page - Texas Instruments DLPC900 Datasheet HTML 32Page - Texas Instruments DLPC900 Datasheet HTML 33Page - Texas Instruments DLPC900 Datasheet HTML 34Page - Texas Instruments DLPC900 Datasheet HTML 35Page - Texas Instruments DLPC900 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
DADADDR_(3:0)
DADMODE_(1:0)
DADSEL_(1:0)
DADSTRB
tw(H)
todv-min
todv-max
50%
50%
DLPC900
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
6.14 DMD Interface Switching Characteristics
(1)
over recommended operating conditions, CL (min timing) = 5 pF, CL (max timing) = 50 pF (unless otherwise noted)
PARAMETER
FROM
TO
MIN
MAX
UNIT
DMD TIMING MODE 0 (2)
tw(H)
DMD strobe high pulse duration
N/A
DADSTRB
29
ns
tw(L)
DMD strobe low pulse duration
N/A
DADSTRB
29
ns
Output data valid window,
DADADDR_(3:0)
Todv-min
DADADDR_(3:0), DADMODE_(1:0), DADSEL_(1:0)
DADMODE_(1:0)
DADSTRB
↑(1)
–27
ns
with respect to DADSTRB
DADSEL_(1:0)
Output data valid window,
DADADDR_(3:0)
Todv-max
DADADDR_(3:0), DADMODE_(1:0), DADSEL_(1:0)
DADMODE_(1:0)
DADSTRB
↑(1)
27
ns
with respect to DADSTRB
DADSEL_(1:0)
DMD TIMING MODE 1 (2)
tw(H)
DMD strobe pulse duration
N/A
DADSTRB
14
ns
tw(L)
DMD strobe low pulse duration
N/A
DADSTRB
14
ns
Output data valid window,
DADADDR_(3:0)
Todv-min
DADADDR_(3:0), DADMODE_(1:0), DADSEL_(1:0)
DADMODE_(1:0)
DADSTRB
↑(1)
–12
ns
with respect to DADSTRB
DADSEL_(1:0)
Output data valid window,
DADADDR_(3:0)
Todv-max
DADADDR_(3:0), DADMODE_(1:0), DADSEL_(1:0)
DADMODE_(1:0)
DADSTRB
↑(1)
12
ns
with respect to DADSTRB
DADSEL_(1:0)
(1)
DMD control signals are captured on the rising edge of DADSTRB within the DMD.
(2)
The DMD timing mode is controlled by the controller firmware.
Figure 10. DMD Interface Timing
32
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com