Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 53 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 49Page - Texas Instruments DLPC900 Datasheet HTML 50Page - Texas Instruments DLPC900 Datasheet HTML 51Page - Texas Instruments DLPC900 Datasheet HTML 52Page - Texas Instruments DLPC900 Datasheet HTML 53Page - Texas Instruments DLPC900 Datasheet HTML 54Page - Texas Instruments DLPC900 Datasheet HTML 55Page - Texas Instruments DLPC900 Datasheet HTML 56Page - Texas Instruments DLPC900 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
R=1
F
F
F
1.8 PLL1
1.8 PLL2
1.8 PLL3
DLPC900
Regulator
Vout
GND
GND
GND
GND
GND
1.8V
DC
GND
100 2F
0.1 2F
0.1 2F
0.1 2F
0.1 2F
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
Layout Guidelines (continued)
The analog 1.8-V PLL power pins should have a similar filter topology as the 1.15 V. In addition, It is
recommended that a dedicated linear regulator generates the 1.8 V. Figure 27 shows the recommended filtering
topology.
Figure 27. Recommended Filter Topology for PLL 1.8-V Supplies
When designing the overall supply filter network, care must be taken to ensure no resonance occurs. Specific
care is required around the 1- to 2-MHz band, as this coincides with the PLL natural loop frequency.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com