Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 55 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 51Page - Texas Instruments DLPC900 Datasheet HTML 52Page - Texas Instruments DLPC900 Datasheet HTML 53Page - Texas Instruments DLPC900 Datasheet HTML 54Page - Texas Instruments DLPC900 Datasheet HTML 55Page - Texas Instruments DLPC900 Datasheet HTML 56Page - Texas Instruments DLPC900 Datasheet HTML 57Page - Texas Instruments DLPC900 Datasheet HTML 58Page - Texas Instruments DLPC900 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
Layout Guidelines (continued)
High-frequency decoupling is required for 1.15-V and 1.8-V PLL supplies and should be provided as close as
possible to each of the PLL supply package pins as shown in Figure 28. Placing decoupling capacitors under the
package on the opposite side of the board is recommended. High-quality, low-ESR, monolithic, surface-mount
capacitors should be used. Typically, 0.1 µF for each PLL supply should be sufficient. The length of a connecting
trace increases the parasitic inductance of the mounting, and thus, where possible, there should be no trace,
allowing the via to butt up against the land. Additionally, the connecting trace should be made as wide as
possible. Further improvement can be made by placing vias to the side of the capacitor lands or doubling the
number of vias.
The location of bulk decoupling depends on the system design.
10.1.3 PCB Layout Guidelines for Quality Video Performance
One of the most important factors to gain good performance is designing the PCB with the highest quality signal
integrity possible. Here are a few recommendations:
1. Minimize the trace lengths between the video digital receiver and the DLPC900 port inputs.
2. Analog power should not be shared with the digital power directly.
3. Try to keep the trace lengths of the RGB as equal as possible.
4. Impedance matching between the digital receiver and the DLPC900 is important.
10.1.4 Recommended MOSC Crystal Oscillator Configuration
A recommended crystal oscillator configuration is shown in Figure 29.
It is assumed that the external crystal oscillator will stabilize within 50 ms after stable power is applied.
Table 13. Crystal Port Characteristics
PARAMETER
NOMINAL
UNIT
MOSC-to-GND capacitance
1.5
pF
MOSCZ-to-GND capacitance
1.5
pF
Table 14. Recommended Crystal Configuration (1)
PARAMETER
RECOMMENDED
UNIT
Crystal circuit configuration
Parallel resonant
Crystal type
Fundamental (first harmonic)
Crystal nominal frequency
20
MHz
Crystal temperature stability
± 30
PPM
Crystal frequency tolerance (including accuracy,
± 100
PPM
temperature, aging, and trim sensitivity)
Crystal equivalent series resistance (ESR)
50 max
Ω
Crystal load
20
pF
Crystal shunt load
7 max
pF
RS drive resistor (nominal)
100
Ω
RFB feedback resistor (nominal)
1
M
Ω
CL1 external crystal load capacitor (MOSC)
See Equation 1
pF
CL2 external crystal load capacitor (MOSCN)
See Equation 2
pF
PCB layout
A ground isolation ring around the crystal is recommended
(1)
Typical drive level with the XSA020000FK1H-OCX crystal (ESRmax = 40 Ω) = 50 µW
CL1 = 2 × (CL – CStray-MOSC)
(1)
CL2 = 2 × (CL – CStray-MOSCN
(2)
where
•
CL = Crystal load capacitance (Farads)
•
CStray-MOSC = Sum of package and PCB capacitance at the crystal pin associated with controller signal MOSC.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com