Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 52 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 48Page - Texas Instruments DLPC900 Datasheet HTML 49Page - Texas Instruments DLPC900 Datasheet HTML 50Page - Texas Instruments DLPC900 Datasheet HTML 51Page - Texas Instruments DLPC900 Datasheet HTML 52Page - Texas Instruments DLPC900 Datasheet HTML 53Page - Texas Instruments DLPC900 Datasheet HTML 54Page - Texas Instruments DLPC900 Datasheet HTML 55Page - Texas Instruments DLPC900 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
0.1 2F
0.1 2F
100 2F
0.1 2F
R=0.36
F
F
F
F
0.1 2F
0.1 2F
Vcore
1.15 PLL1
1.15 PLL2
1.15 PLL3
VPLL
DLPC900
Regulator
Vout
GND
GND
GND
GND
GND
GND
1.15V
DC
GND
DLPC900
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
10 Layout
10.1 Layout Guidelines
10.1.1 General PCB Recommendations
Two-ounce copper planes are recommended in the PCB design in order to achieve needed thermal connectivity.
10.1.2 PCB Layout Guidelines for Internal Controller PLL Power
The following are guidelines to achieve desired controller performance relative to internal PLLs:
The DLPC900 contains four PLLs (PLLM1, PLLM2, PLLD, and PLLS), each of which have a dedicated 1.15 V
digital supply; three of these PLLs (PLLM1, PLLM2, and PLLD) have a dedicated 1.8 V analog supply. It is
important to have filtering on the supply pins that covers a broad frequency range. Each 1.15 V PLL supply pin
should have individual high frequency filtering in the form of a ferrite bead and a 0.1 µF ceramic capacitor. These
components should be located very close to the individual PLL supply balls. The impedance of the ferrite bead
should far exceed that of the capacitor at frequencies above 10 MHz. The 1.15 V to the PLL supply pins should
also have low frequency filtering in the form of an RC filter. This filter can be common to all the PLLs. The
voltage drop across the resistor is limited by the 1.15 V regulator tolerance and the DLPC900 voltage tolerance.
A resistance of 0.36
Ω and a 100 µF ceramic are recommended. Figure 26 shows the recommended filter
topology.
Figure 26. Recommended Filter Topology for PLL 1.15-V Supplies
52
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com