Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 17Page - Texas Instruments DLPC900 Datasheet HTML 18Page - Texas Instruments DLPC900 Datasheet HTML 19Page - Texas Instruments DLPC900 Datasheet HTML 20Page - Texas Instruments DLPC900 Datasheet HTML 21Page - Texas Instruments DLPC900 Datasheet HTML 22Page - Texas Instruments DLPC900 Datasheet HTML 23Page - Texas Instruments DLPC900 Datasheet HTML 24Page - Texas Instruments DLPC900 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted). The functional performance of the device specified in this
data sheet is achieved when operating the device by the Recommended Operating Conditions. No level of performance is
implied when operating the device above or below the Recommended Operating Conditions limits.
I/O (1)
MIN
NOM
MAX
UNIT
VDD33
3.3 V supply voltage, I/O
3.135
3.3
3.465
1.8 V supply voltage, LVDSAVD and
VDD18
1.71
1.8
1.89
DRAMVDD
VDDC
1.15 V supply voltage, Core logic
1.100
1.15
1.200
PLLD_VDD
1.8 V supply voltage, PLL analog
1.71
1.8
1.89
PLLM1_VDD
1.8 V supply voltage, PLL analog
1.71
1.8
1.89
V
PLLM2_VDD
1.8 V supply voltage, PLL analog
1.71
1.8
1.89
PLLS_VDD
1.15 V supply voltage, PLL analog
1.090
1.15
1.200
PLLD_VDD
1.15 V supply voltage, PLL digital
1.090
1.15
1.200
PLLM1_VDD
1.15 V supply voltage, PLL digital
1.090
1.15
1.200
PLLM2_VDD
1.15 V supply voltage, PLL digital
1.090
1.15
1.200
USB (9)
0
VDD33
OSC (10)
0
VDD33
VI
Input voltage
V
3.3 V LVTTL (1, 2, 3, 4)
0
VDD33
3.3 V I2C (8)
0
VDD33
USB (8)
0
VDD33
3.3 V LVTTL (1, 2, 3, 4)
0
VDD33
VO
Output voltage
V
3.3 V I2C (8)
0
VDD33
1.8 V LVDS (7)
0
VDD18
TA
Operating ambient temperature range
See (2) and (3)
0
55
°C
TC
Operating top-center case temperature
See (3) and (4)
0
109.16
°C
TJ
Operating junction temperature
0
111
°C
(1)
The number inside the parentheses for the I/O refers to the I/O type defined in Table 1.
(2)
Assumes minimum 1 m/s airflow.
(3)
Maximum thermal values assume max power of 4.76 W (total for controller).
(4)
Assume
φJT equals 0.4°C/W.
6.4 Thermal Information
DLPC900
THERMAL METRIC
ZPC (BGA)
UNIT
516 PINS
RθJC
(1)
Junction-to-air thermal resistance
4.4
°C/W
RθJA at 0 m/s of forced airflow
(2)
Junction-to-air thermal resistance
14.4
°C/W
RθJA at 1 m/s of forced airflow
(2)
Junction-to-air thermal resistance
9.5
°C/W
RθJA at 2 m/s of forced airflow
(2)
Junction-to-air thermal resistance
9.0
°C/W
φJT
(3)
Temperature variance from junction to package top center
0.4
°C/W
temperature, per unit power dissipation
(1)
RθJC analysis assumptions: The heat generated in the chip flows into overmold (top side) and also into the package laminate (bottom
side) and then into PCB via package solder balls. Should be used for heat sink analysis only.
(2)
Thermal coefficients abide by JEDEC Standard 51. RθJA is the thermal resistance of the package as measured using a JEDEC defined
standard test PCB. This JEDEC test PCB is not necessarily representative of the DLPC900 PCB and thus the reported thermal
resistance may not be accurate in the actual product application. Although the actual thermal resistance may be different, it is the best
information available during the design phase to estimate thermal performance.
(3)
Example: (3.2 W) × (0.4 C/W)
≈ 1.28°C temperature rise.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com