Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 59 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 55Page - Texas Instruments DLPC900 Datasheet HTML 56Page - Texas Instruments DLPC900 Datasheet HTML 57Page - Texas Instruments DLPC900 Datasheet HTML 58Page - Texas Instruments DLPC900 Datasheet HTML 59Page - Texas Instruments DLPC900 Datasheet HTML 60Page - Texas Instruments DLPC900 Datasheet HTML 61Page - Texas Instruments DLPC900 Datasheet HTML 62Page - Texas Instruments DLPC900 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
Table 15. General PCB Routing (Applies to All Corresponding PCB Signals refer to Figure 30) (continued)
PARAMETER
APPLICATION
SINGLE-ENDED
DIFFERENTIAL PAIRS
UNIT
SIGNALS
12
mil
Total data
N/A
(0.3)
(mm)
Maximum differential pair P-to-N length
mismatch
12
mil
Total clock
N/A
(0.3)
(mm)
Table 16. DMD Interface Specific PCB Routing
SIGNAL GROUP LENGTH MATCHING
INTERFACE
SIGNAL GROUP
REFERENCE SIGNAL
MAX MISMATCH
UNIT
DMD
SCA_P/ SCA_N
± 150
mil
DCKA_P/ DCKA_N
(LVDS)
DDA_P_(15:0)/ DDA_N_(15:0)
(± 3.81)
(mm)
DMD
SCB_P/ SCB_N
± 150
mil
DCKB_P/ DCKB_N
(LVDS)
DDB_P_(15:0)/ DDB_N_(15:0)
(± 3.81)
(mm)
When routing the DMD Interface signals it is recommended to:
•
Minimize the number of layer changes for Single-ended signals.
•
Individual differential pairs can be routed on different layers but the signals of a given pair should not change
layers.
Table 17. DMD Signal Routing Length(1)
BUS
MIN
MAX
UNIT
DMD
50
375
mm
(LVDS)
(1)
Max signal routing length includes escape routing.
Stubs: Stubs should be avoided.
Termination Requirements: DMD interface: None – The DMD receiver is differentially terminated to 100
Ω
internally.
Connector (DMD-LVDS interface bus only):
High-speed connectors that meet the following requirements should be used:
•
Differential crosstalk: < 5%
•
Differential impedance: 75 to 125
Ω
Routing requirements for right-angle connectors: When using right-angle connectors, P-N pairs should be routed
in the same row to minimize delay mismatch. When using right-angle connectors, propagation delay difference
for each row should be accounted for on associated PCB etch lengths.
These guidelines will produce a maximum PCB routing mismatch of 4.41 mm (0.174 inch) or approximately 30.4
ps, assuming 175 ps/inch FR4 propagation delay.
These PCB routing guidelines will result in approximately 25-ps system setup margin and 25-ps system hold
margin for the DMD interface after accounting for signal integrity degradation as well as routing mismatch.
Both the DLPC900 output timing parameters and the DMD input timing parameters include timing budget to
account for their respective internal package routing skew.
10.1.8.1 Flex Connector Plating
Plate all the pad area on top layer of flex connection with a minimum of 35 and maximum 50 micro-inches of
electrolytic hard gold over a minimum of 100 micro-inches of electrolytic nickel.
10.1.9 PCB Design Standards
PCB designed and built in accordance with the following industry specifications:
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com