Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 11Page - Texas Instruments DLPC900 Datasheet HTML 12Page - Texas Instruments DLPC900 Datasheet HTML 13Page - Texas Instruments DLPC900 Datasheet HTML 14Page - Texas Instruments DLPC900 Datasheet HTML 15Page - Texas Instruments DLPC900 Datasheet HTML 16Page - Texas Instruments DLPC900 Datasheet HTML 17Page - Texas Instruments DLPC900 Datasheet HTML 18Page - Texas Instruments DLPC900 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
LED Control Pin Functions (continued)
PIN (1)
I/O
I/O TYPE
CLK SYSTEM
DESCRIPTION
POWER
NAME
NUMBER
BLU_LED_EN
D24
VDD33
O2
Async
Blue LED enable signal.
GRN_LED_EN
C25
VDD33
O2
Async
Green LED enable signal.
RED_LED_EN
B26
VDD33
O2
Async
Red LED enable signal.
Two Controller Support Pin Functions
PIN
I/O
I/O TYPE
CLK SYSTEM
DESCRIPTION (1)
POWER
NAME
NUMBER
Sequence sync. This signal must be connected between the
master and slave controller in a two controller configuration.
SEQ_SYNC
AB9
VDD33
B3
Async
Do not leave unconnected. This pin requires an external 10-
k
Ω pullup resistor.
This signal is used by the master controller to communicate
SSP0_CSZ4_SLV
U26
VDD33
B2
SSP0_CLK
with the slave controller over the SSP interface. This pin
requires an external 4.7-k
Ω pullup resistor
FSD12_OUTPUT
T23
VDD33
B2
Async
This pin must be connected to DA_SYNC_INPUT (2)
DA_SYNC_INPUT
R22
VDD33
B2
Async
This pin must be connected to FSD12_OUTPUT (3)
This signal must be connected between the master and
slave controller in a two controller configuration. The slave
SLV_CTRL_PRST
V25
VDD33
B2
Async
controller will pull this signal high to inform the master
controller that it is present and ready. This pin requires an
external 10-k
Ω pulldown resistor. Do not leave unconnected.
When this pin is high, the controller operates as the master
CTRL_MODE_CF
controller. When this pin is low the controller operates as the
V26
VDD33
B2
Async
G
slave controller. Use an external 4.7-k
Ω pullup or pulldown
resistor to identify the controller. Do not leave unconnected.
(1)
Refer to the Typical Single Controller Chipset and the Typical Two Controller Chipset for a description between a one controller and a
two controller configuration.
(2)
The FSD12_OUTPUT of the slave controller must be left unconnected.
(3)
The DA_SYNC_INPUT of the slave controller must be connected to the FSD12_OUTPUT of the master controller.
Reserved Pin Functions
PIN
I/O
I/O TYPE
CLK SYSTEM
DESCRIPTION
POWER
NAME
NUMBER
Reserved. This pin requires an external 4.7-k
Ω pullup
AFE_ARSTZ
AC12
VDD33
O2
Async
resistor.
RESERVED_AD12
AD12
VDD33
O6
N/A
Reserved. Should be left unconnected.
AFE_IRQ
AB13
VDD33
I 4
Async
Reserved. Should be left unconnected.
RESERVED_AF11
AF11
VDD33
I4
N/A
Reserved. Should be left unconnected.
RESERVED_AD11
AD11
VDD33
I4
N/A
Reserved. Should be left unconnected.
RESERVED_AE11
AE11
VDD33
I4
N/A
Reserved. Should be left unconnected.
Reserved. This pin requires an external 10-k
Ω pullup
RESERVED_AE8
AE8
VDD33
I4
N/A
resistor.
RESERVED_AD8
AD8
VDD33
O5
N/A
Reserved. Should be left unconnected.
RESERVED_AC9
AC9
VDD33
O5
N/A
Reserved. Should be left unconnected.
Reserved. This pin Requires an external 10-k
Ω pulldown
RESERVED_AF8
AF8
VDD33
I4
N/A
resistor.
RESERVED_E3
E3
VDD33
B5
N/A
Reserved. Should be left unconnected.
RESERVED_AB10
AB10
VDD33
B2
N/A
Reserved. Should be left unconnected.
RESERVED_AD9
AD9
VDD33
B2
N/A
Reserved. Should be left unconnected.
RESERVED_AE9
AE9
VDD33
B2
N/A
Reserved. Should be left unconnected.
RESERVED_AF9
AF9
VDD33
B2
N/A
Reserved. Should be left unconnected.
RESERVED_AB11
AB11
VDD33
B2
N/A
Reserved. Should be left unconnected.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com