Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 9Page - Texas Instruments DLPC900 Datasheet HTML 10Page - Texas Instruments DLPC900 Datasheet HTML 11Page - Texas Instruments DLPC900 Datasheet HTML 12Page - Texas Instruments DLPC900 Datasheet HTML 13Page - Texas Instruments DLPC900 Datasheet HTML 14Page - Texas Instruments DLPC900 Datasheet HTML 15Page - Texas Instruments DLPC900 Datasheet HTML 16Page - Texas Instruments DLPC900 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
Peripheral Interface Pin Functions (continued)
PIN
I/O
I/O TYPE
CLK SYSTEM
DESCRIPTION
POWER
NAME
NUMBER
I2C bus 2, clock. This bus supports 400 kHz, fast mode
operation. This input is not 5 V tolerant. This pin requires
I2C2_SCL (1)
B22
VDD33
B2
N/A
an external pullup resistor to 3.3 V. The minimum
acceptable pullup value is 1 k
Ω resistor.
SSP0_CLK
AD4
VDD33
B5
N/A
Synchronous serial port 0, clock
SSP0_RXD
AD5
VDD33
I4
SSP0_CLK
Synchronous serial port 0, receive data in
SSP0_TXD
AB7
VDD33
O5
SSP0_CLK
Synchronous serial port 0, transmit data out
SSP0_CSZ_0 (1)
AC5
VDD33
B5
SSP0_CLK
Synchronous serial port 0, chip select 0 (active low)
SSP0_CSZ_1 (1)
AB6
VDD33
B5
SSP0_CLK
Synchronous serial port 0, chip select 1 (active low)
SSP0_CSZ_2 (1)
AC3
VDD33
B5
SSP0_CLK
Synchronous serial port 0, chip select 2 (active low)
UART0, UART transmit data output. The firmware only
UART0_TXD
AB3
VDD33
O5
Async
outputs debug messages on this port.
UART0, UART receive data input. The firmware does not
UART0_RXD
AD1
VDD33
I4
Async
support receiving data on this port.
UART0, UART ready to send hardware flow control output
UART0_RTSZ
AD2
VDD33
O5
Async
(active low)
UART0, UART clear to send hardware flow control input
UART0_CTSZ
AE2
VDD33
I4
Async
(active low). This pin requires an external 10 k
Ω pulldown
resistor.
USB_DAT_N (1)
C5
USB D– I/O
VDD33
B9
Async
USB_DAT_P
D6
USB D+ I/O
Boot mode. When this pin is held low, the firmware boots-
up in bootload mode. When pin is held high, the firmware
HOLD_BOOTZ
F24
VDD33
B2
Async
boots-up in normal operating mode. This pin requires an
external 1 k
Ω pullup resistor.
The firmware will use this pin to enable an external buffer
USB_ENZ (1)
E25
VDD33
B2
Async
on the USB data lines after it has completed initialization.
FAULT_STATUS
AC11
VDD33
O2
Async
This signal toggles or held high to indicate status faults.
This signal toggles to indicate the system is operational.
HEARTBEAT
AB12
VDD33
O2
Async
Period is ~1second.
This signal serves as an interrupt for pattern sequencing
SEQ_INT2
H26
VDD33
I2
Async
and must be connected to SEQ_AUX6.
This signal serves as an interrupt for pattern sequencing
SEQ_INT1
G26
VDD33
I2
Async
and must be connected to SEQ_AUX7.
This signal serves as an interrupt for pattern sequencing
SEQ_AUX7
F26
VDD33
O2
Async
and must be connected to SEQ_INT1.
This signal serves as an interrupt for pattern sequencing
SEQ_AUX6
E26
VDD33
O2
Async
and must be connected to SEQ_INT2.
On DLP® LightCrafter 9000 EVM, this pin connects to
TEST_FUNC_5 (1)
K22
VDD33
B2
Async
FPGA and could serve as a configuration pin. Otherwise
can be left unconnected.
On DLP LightCrafter 9000 EVM, this pin connects to FPGA
TEST_FUNC_4 (1)
J26
VDD33
B2
Async
and could serve as a configuration pin. Otherwise can be
left unconnected.
On DLP LightCrafter 9000 EVM, this pin connects to FPGA
and serves as a configuration pin. This function configures
TEST_FUNC_3 (1)
J25
VDD33
B2
Async
the 24-bit parallel data output of the FPGA to be split
between the master and the slave controllers. The firmware
will set this pin high by default.
On DLP LightCrafter 9000 EVM, this pin connects to FPGA
TEST_FUNC_2 (1)
J24
VDD33
B2
Async
and could serve as a configuration pin. Otherwise can be
left unconnected.
On DLP LightCrafter 9000 EVM, this pin connects to FPGA
TEST_FUNC_1 (1)
J23
VDD33
B2
Async
and could serve as a configuration pin. Otherwise can be
left unconnected.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com